Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E39-RSP1 Datasheet(PDF) 77 Page - Omron Electronics LLC

Part # E39-RSP1
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-RSP1 Datasheet(HTML) 77 Page - Omron Electronics LLC

Back Button E39-RSP1 Datasheet HTML 73Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 74Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 75Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 76Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 77Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 78Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 79Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 80Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 81Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 100 page
background image
Fiber Amplifiers, Communications Unit and Accessories
E3NW
Fiber Amplifiers, Communications Unit and Accessories
E3NW
76
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
77
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
76
77
E3NW-ECT
77-A
Ratings and Specifications
Communications Specifications
Item
Models
Power supply voltage
Indicators
Ambient temperature range
Insulation resistance
Vibration resistance (destruction)
Maximum connectable Sensors
Shock resistance (destruction)
Connectable Sensor Amplifier Units
Power and current consumption
2.4 W max. (Not including the power supplied to Sensor.)
100 mA max. (Not including the current supplied to Sensor.)
2 W max. (Not including the power supplied to Sensor.)
80 mA max. (Not including the current supplied to Sensor.)
10 to 60 Hz with a 0.7-mm double amplitude, 60 to 150 Hz 50 m/s2 for 1.5 hours each in X, Y, and Z directions
Destruction: 150 m/s2 for 3 times each in X, Y, and Z directions
N-Smart
Smart Fiber Amplifier Unit:
Color Fiber Amplifier Unit:
Smart Laser Amplifier Unit:
Smart Laser Amplifier Unit (CMOS type):
Contact-Type Smart Amplifier Unit:
E3NX-FA0
E3NX-CA0 *1
E3NC-LA0
E3NC-SA0
E9NC-TA0 *2
L/A IN Indicator (Green), L/A OUT Indicator (Green),
PWR Indicator (Green), RUN Indicator (Green), ERROR
Indicator (Red),and SS (Sensor Status) indicator (Green/Red)
RUN Indicator (Green),
and SS (Sensor Status) indicator (Green/Red)
24VDC (20.4 to 26.4 VDC)
Operating: 0 to 55°C, *3 Storage: −30 to 70°C (with no icing or condensation)
Ambient humidity range
Operating and storage: 25% to 85% (with no condensation)
20 MΩ min. (at 500 VDC)
Dielectric strength
500 VAC 50/60Hz 1 min
Mounting method
35-mm DIN track-mounting
Weight (packed state/unit only)
Approx. 185 g/Approx. 95 g
Approx. 160 g/Approx. 40 g
Materials
Polycarbonate
Accessories
Power supply connector,Communications connector for E3NW-DS,
DIN Track End Plates (2) and Instruction manual
Power supply/communications connector,
DIN Track End Plates (2), Ferrite cores (2) and Instruction manual
30 *4
Maximum connectable
Distributed Sensor units
8
―
10
*1. The E3NX-CA0 is supported for firmware version 1.06 or higher (Sensor Communications Units manufactured in June 2016 or later).
*2. The E9NC-TA0 is supported for firmware version 1.03 or higher (Sensor Communications Units manufactured in July 2014 or later).
*3. Temperature Limitations Based on Number of Connected Amplifier Units:
Groups of 1 or 2 Amplifiers: 0 to 55°C, Groups of 3 to 10 Amplifiers: 0 to 50°C, Groups of 11 to 16 Amplifiers: 0 to 45°C, Groups of 17 to 30 Amplifiers: 0 to 40°C
*4. A maximum total of 30 Sensors can be connected to a Sensor Communications Unit and Distributed Sensor Units.
*1. The software setting is used when the node address setting switches are set to 0.
*2. The range depend on the EtherCAT master that is used. Refer to the E3NW-ECT EtherCAT Sensor Communications Unit Operation Manual for details.
Item
Protocol
Specifications
EtherCAT
Modulation
Baseband
Baud rate
100 Mbps
Physical layer
100Base-TX (IEEE802.3u)
Topology
Daisy chain
Communications media
STP category 5 or higher
Communications distance
100 m max. between nodes
Noise immunity
Compliant with IEC 61000-4-4, 1 kV min.
Node address setting method
Set the decimal rotary switches or software *1
Node address range
000 to 192 *2
Sensor Communications Unit
E3NW-DS
77-B
Distributed Sensor Unit
Dimensions
(Unit: mm)
Tolerance class IT16 applies to demmensions in this date sheet unless otherwise specified.
E3NW-DS
E3NW-ECT
CompoNet-compatible and CC-Link-compatible products are also available. Refer to your OMRON website for details.
Connector: Provided.
(FK-MCP 1,5/4-STF-3,5 AU)
20
Connector cover
95.7
49
69
(34.3)
(44.5)
25.4
(42.9)
30.4
DIN Track
(sold separately)
(PFP- N)
13.5 9.5
18
105.1
41
32.5
102.5
60.9
15.4
86.6
64.5
10
10
(36.7)
(49.8)
32.2
(43)
38.8
Power Supply Connector (provided)
(FK-MCP 1,5/2-STF-3,5 AU)
Communications Connector (provided)
(FK-MCP 1,5/2-STF-3,5 AU)
Input communications
connector
Output communications
connector
Connector cover
PFP- N DIN Track
(sold separately)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com