Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E39-RSP1 Datasheet(PDF) 44 Page - Omron Electronics LLC

Part # E39-RSP1
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-RSP1 Datasheet(HTML) 44 Page - Omron Electronics LLC

Back Button E39-RSP1 Datasheet HTML 40Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 41Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 42Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 43Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 44Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 45Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 46Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 47Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 48Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 100 page
background image
Environmental Immunity
Heat-resistant
Environmental Immunity
Heat-resistant
44
44
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
45
45
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Through-beam → This page Reflective → 46 page
E32-T51R 2M (Free Cutting)
E32-T81R-S 2M (No Cutting)
45-A
45-C
E32-T51 2M (Free Cutting)
E32-T61-S 2M (No Cutting)
45-B
45-D
15
2.85 dia.
1
Sensing surface
1.5 dia.
17
2,000
2.2 dia.
Opposite side 7, thickness 2.4 (Nickel-plated brass)
Washer (Nickel-plated iron)
M4×0.7 (Nickel-plated brass)
M2.6×0.45
Sensing surface
1 dia.
Opposite side 7, thickness 2.4 (Nickel-plated brass)
Washer (Nickel-plated iron)
2.2 dia.
3
14
2,000
M4×0.7 (SUS303)
3.2
Note: The maximum allowable temperatures for sections A and B are 350°C
and 110°C, respectively. The section inserted into the Amplifier Unit
(indicated by *) must be maintained within the Amplifier Unit's operating
temperature range.
20
3
4 dia.
10
2,000
25 (B)
*
A
4 dia.
Fluororesin tube 2.8 dia. (SUS304)
M2.6×0.45
2.2 dia.
M4×0.7 (SUS303)
Sensing
surface
1 dia.
Opposite side 7,
thickness 2.4 (SUS304)
Washer (SUS)
30
Sensing
surface
0.7 dia.
20
3
4 dia.
10
2,000
30 (B)
*
A
4 dia.
Fluororesin tube 2 dia.
Protective tube
M2.6×0.45
2.2 dia.
(75)
M4×0.7 (SUS303)
Opposite side 7,
thickness 2.4 (SUS304)
Washer (SUS)
Note: The maximum allowable temperatures for sections
A and B are 200°C and 110°C, respectively.
The section inserted into the Amplifier Unit
(indicated by *) must be maintained within the
Amplifier Unit's operating temperature range.
2,520
900
2,400
840
4,000*5
1,500
1,500
540
M4
20
30
M4
20
30
M4
17
M4
14
Heat-
resistant
temperature
E32-T51R 2M
100°C *1
150℃ *2
200℃ *3
350℃ *4
70℃
Flexible,
R2
R35
R10
R25
0.7 dia.
(5 μm dia./
2 μm dia.)
1 dia.
(0.1 dia./
0.03 dia.)
1 dia.
(5 μm dia./
2 μm dia.)
1.5 dia.
(0.1 dia./
0.03 dia.)
E32-T51 2M
1,200
225
45-A
45-B
E32-T81R-S 2M
45-C
E32-T61-S 2M
45-D
Standard Fiber Units
can be used.
---
Appearance (mm)
Bending
radius
of cable
Sensing distance (mm)
Optical axis
diameter
(minimum
sensing
object)
Models
45 Page
Dimensions
No.
ST :
SHS:
2,250
400
ST :
SHS:
820
140
ST :
SHS:
IP50
IP67
IP67
IP67
1,350
240
ST :
SHS:
1,680
600
1,600
560
800
225
2,800
1,000
E3X-HD
ST :
SHS:
1,500
400
ST :
SHS:
550
140
ST :
SHS:
1,000
360
900
240
ST :
SHS:
E3NX-FA
Other modes
HS
GIGA
Other modes
HS
GIGA
•
Wide product variety for temperatures from 100 to 350°C.
Select the model according to heat-resistant temperature.
Specifications
Dimensions
Through-beam Fiber Units
*1 For continuous operation, use the Fiber Unit between −40 to 90°C.
*2 For continuous operation, use the Fiber Unit between −40 to 130°C.
*3 The heat-resistant rating is not the same for all parts of the Fiber Unit. Refer to the dimensions diagrams for details.
*4 The ambient operating temperature for the E32-T61-S 2M is −60 to 350°C.
*5 The optical fiber is 2 m long on each side, so the sensing distance is 4,000 mm.
Through-beam Fiber Units (Set of 2)
Installation Information → 60 Page
Long-distance Sensing Applications
A separate Lens Unit can be attached to extend the sensing distance.
→
28 page
The following mode names and response times apply to the modes given in the Sensing distance column.
[E3X-HD] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (NPN output: 50 μs, PNP output: 55 μs)
[E3NX-FA] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (30 μs)
The values for the minimum sensing object are reference values that indicate values obtained in standard mode with the sensing distance and sensitivity set to the optimum values.
The first value is for the E3X-HD and the second value is for the E3NX-FA.
Note 1.
2.
- Reference Information for Model Selection -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com