Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E39-RSP1 Datasheet(PDF) 41 Page - Omron Electronics LLC

Part # E39-RSP1
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-RSP1 Datasheet(HTML) 41 Page - Omron Electronics LLC

Back Button E39-RSP1 Datasheet HTML 37Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 38Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 39Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 40Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 41Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 42Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 43Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 44Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 45Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 100 page
background image
Environmental Immunity
Bending-resistant, Disconnection-resistant
Environmental Immunity
Bending-resistant, Disconnection-resistant
40
40
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
41
41
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Through-beam → This page
Reflective → 42 page
E32-T22B 2M
(Free Cutting)
E32-T25XB 2M
(Free Cutting)
41-A
41-D
E32-T21 2M
(Free Cutting)
E39-F32C 1M
41-B
41-E
E32-T11 2M
(Free Cutting)
41-C
Protective tube
1 dia.
2,000
11
15
Sensing surface: 0.5 dia.
M3×0.5
(Nickel-plated brass)
E39-F9: Provided
Opposite side 5.5, thickness 1.8 (Nickel-plated brass)
Washer (Nickel-plated brass)
2.5
15
14
2,000
2.2 dia.
Opposite side 7, thickness 2.4 (Nickel-plated brass)
Washer (Nickel-plated iron)
Protective tube
3.3
M2.6×0.45
Sensing surface: 1 dia.
M4×0.7
(Nickel-plated brass)
3.2
10
2,000
1 dia.
1.5 dia. (Nickel-plated brass)
Sensing surface:
4-0.25 dia.
E39-F9: Provided
1 dia.
(Aluminum)
Two, 2.2 dia. mounting holes with
two, 4.4 dia. countersinks on one side
7 1
Sensing surface
0.5 dia.
2,000
E39-F9: Provided
2
12
5
2.5
4.5
7 dia.
12
1,000
12
4 dia.
End cap (Nickel-plated brass)
Tube 5.6 dia. (SUS304)
Head connector
(Nickel-plated brass)
M4×0.7 Depth: 4
Note 1:
Set of two symmetrically shaped Fiber Units.
Note 2:
Four, M2 × 8 stainless steel countersunk mounting screws are provided.
Note:
Saddles (four, trivalent chromate-plated iron) are provided.
7 dia.
1,020
330
3,750
1,350
750
250
12
7
2
10
1.5 dia.
14
M4
11
M3
Size
E32-T22B 2M
1.5 dia.
M3
M4
Square
Bendresistant,
R4
1 dia.
(5 μm dia./
2 μm dia.)
0.5 dia.
(5 μm dia./
2 μm dia.)
0.5 dia.
(5 μm dia./
2 μm dia.)
E32-T21 2M
600
90
41-A
41-B
E32-T11 2M
41-C
E32-T25XB 2M
41-D
Appearance (mm)
Bending
radius
of cable
Sensing distance (mm)
Optical axis
diameter
(minimum
sensing
object)
Models
41 Page
Dimensions
No.
ST :
SHS:
2,020
360
ST :
SHS:
450
70
ST :
SHS:
IP67
IP67
IP67
IP67
E32-T11R 2M/E32-T11 2M/
E32-LT11 2M/E32-LT11R 2M/
E32-T51R 2M/E32-T51 2M
2 pieces
E39-F32C 1M
41-E
Applicable Fiber Units
Model
Quantity
41 Page
Dimensions
No.
680
220
400
90
E3X-HD
ST :
SHS:
1,350
360
ST :
SHS:
300
70
ST :
SHS:
2,500
900
500
170
E3NX-FA
Other modes
Other modes
HS
GIGA
HS
GIGA
Weight
Degree of bend: ±180°
Bending radius: 4 mm
Weight:
50 g
Bending rate:
30 times/minute
•
Capable of withstanding one million repeated bends.
•
A large number of independent fine fibers
ensures good flexibility. Suitable for use on
moving parts without easily breaking.
•
Protective Stainless Spiral Tube is available for covering the fiber cable
to protect it from accidental breaking due to snagging or shock.
Specifications
Protective Stainless Spiral Tube (Sold separately)
Dimensions
Insert the fiber cable into the protective tube to prevent breaking by snagging or shock.
Through-beam Fiber Units
* This Tube cannot be used if a Lens Unit is being used.
Through-beam Fiber Units (Set of 2)
Installation Information → 60, 61 Page
The following mode names and response times apply to the modes given in the Sensing distance column.
[E3X-HD] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (NPN output: 50 μs, PNP output: 55 μs)
[E3NX-FA] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (30 μs)
The values for the minimum sensing object are reference values that indicate values obtained in standard mode with the sensing distance and sensitivity set to the optimum values.
The first value is for the E3X-HD and the second value is for the E3NX-FA.
Note
1.
2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com