Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E39-RSP1 Datasheet(PDF) 61 Page - Omron Electronics LLC

Part # E39-RSP1
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-RSP1 Datasheet(HTML) 61 Page - Omron Electronics LLC

Back Button E39-RSP1 Datasheet HTML 57Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 58Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 59Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 60Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 61Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 62Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 63Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 64Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 65Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 100 page
background image
Installation Information
Installation Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
61
61
Models
Installation
Cable
Weight
(packed
state) (g)
Demensions
Page
No.
Ambient
temperature
Tightening
torque
Mounting
hole
Bending
radius
Unbendable
length*1
Tensile
strength
Sheath
material
Core
material
Emitter/receiver
differentiation
E32-T33 1M
−40 to 70°C
0.29N · m 3.2+0.5
0
dia. R10
10
9.8N
Polyethylene
Plastic
None
40
17 Page 17-C
E32-T51 2M
−40 to 150°C
*2
0.78N · m 4.2+0.5
0
dia. R35
10
29.4N
Fluororesin
Plastic
None
70
45 Page 45-B
E32-T51F 2M
−40 to 150°C
*2
0.78N · m 5.5+0.5
0
dia. R40
10
29.4N
Fluororesin
Plastic
None
220
39 Page 39-E
E32-T51R 2M
−40 to 100°C
*3
0.78N · m 4.2+0.5
0
dia.
R2
0
29.4N
Polyurethane
Plastic
None
60
45 Page 45-A
E32-T51V 1M
−25 to 120°C
0.29N · m 4.2+0.5
0
dia. R30
10
29.4N
Fluororesin
Glass
None
160
53 Page 53-A
E32-T61-S 2M
−60 to 350°C
*4
0.78N · m 4.2+0.5
0
dia. R25
10
29.4N
SUS
Glass
None
200
45 Page 45-D
E32-T81R-S 2M
−40 to 200°C
*4
0.78N · m 4.2+0.5
0
dia. R10
10
9.8N
Fluororesin
Glass
None
60
45 Page 45-C
E32-T84SV 1M
−25 to 200°C
0.29N · m 4.5+0.5
0
dia. R25
10
29.4N
SUS
Glass
None
190
53 Page 53-C
E32-TC200BR 2M
−40 to 70°C
0.78N · m 4.2+0.5
0
dia.
R1
0
29.4N
PVC
Plastic
None
60
17 Page 17-E
E32-VF1
−25 to 70°C
−
−
−
−
−
−
−
−
240
53 Page 53-F
E32-VF4
−25 to 70°C
−
−
−
−
−
−
−
−
280
53 Page 53-E
E39-F1
−40 to 200°C
−
−
−
−
−
−
−
−
2
26 Page 26-A
27 Page 27-A to 27-C
28 Page 28-A
29 Page 29-A to 29-C
E39-F1-33
−40 to 200°C
−
−
−
−
−
−
−
−
3
28 Page 28-D
E39-F11
−
−
−
−
−
−
−
−
−
30
−
E39-F16
−40 to 350°C
−
−
−
−
−
−
−
−
15
26 Page 26-B
27 Page 27-D to 27-F
28 Page 28-B
29 Page 29-D to
29-F
, 29-K
E39-F17
−25 to 70°C
−
−
−
−
−
−
−
−
10
21 Page 21-B
E39-F18
−40 to 70°C
−
−
−
−
−
−
−
−
5
23 Page
23-G , 23-H
E39-F1V
−25 to 120°C
−
−
−
−
−
−
−
−
3
53 Page 53-B
E39-F2
−40 to 200°C
−
−
−
−
−
−
−
−
2
26 Page 26-C
27 Page 27-G , 27-H
28 Page 28-C
29 Page 29-G to 29-I
E39-F32A 1M
−40 to 150°C
−
−
R30
−
−
−
−
−
70
43 Page 43-G
E39-F32C 1M
−40 to 150°C
−
−
R30
−
−
−
−
−
110
41 Page 41-E
43 Page 43-G
E39-F32D 1M
−40 to 150°C
−
−
R30
−
−
−
−
−
80
43 Page 43-G
E39-F3A
−40 to 70°C
−
−
−
−
−
−
−
−
2
21 Page 21-A
E39-F3A-5
−40 to 70°C
−
−
−
−
−
−
−
−
1
23 Page
23-A
, 23-B , 23-C
E39-F3B
−25 to 55°C
−
−
−
−
−
−
−
−
2
23 Page
23-D
, 23-E , 23-F
E39-F3C
−25 to 55°C
−
−
−
−
−
−
−
−
1
21 Page
21-C , 21-D
E39-R1
−25 to 55°C
−
−
−
−
−
−
−
−
20
35 Page 35-B
E39-R3
−25 to 55°C
−
−
−
−
−
−
−
−
20
35 Page 35-C
E39-RP1
−40 to 60°C
−
−
−
−
−
−
−
−
25
35 Page 35-A
97 Page 97-G
E39-RP37
−25 to 55°C
−
−
−
−
−
−
−
−
4
−
E39-RSP1
−25 to 55°C
−
−
−
−
−
−
−
−
4
−
*1 Unbendable length of cable from fiber head.
Do not bend the cable for at least 20 mm from where the cable inserts into the Fiber Amplifier Unit.
*2 For continuous operation, use the Fiber Unit between −40 to 130°C.
*3 For continuous operation, use the Fiber Unit between −40 to 90°C.
*4 The heat-resistant rating is not the same for all parts of the Fiber Unit. Refer to the dimensions diagrams for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com