Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E39-RSP1 Datasheet(PDF) 33 Page - Omron Electronics LLC

Part # E39-RSP1
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-RSP1 Datasheet(HTML) 33 Page - Omron Electronics LLC

Back Button E39-RSP1 Datasheet HTML 29Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 30Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 31Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 32Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 33Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 34Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 35Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 36Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 37Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 100 page
background image
Beam Improvements
Detection without Background Interference
Beam Improvements
Detection without Background Interference
32
32
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
33
33
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
E32-L16-N 2M (Free Cutting)
33-A
E32-L24S 2M (Free Cutting)
33-B
E32-L25L 2M (Free Cutting)
33-C
0 to 15
0 to 15
0 to 4
0 to 4
5.4 to 9
5.4 to 9
18
4
16
14
2.5
11
20.5
3.8
14
E32-L16-N 2M
Flat-view
Side-view
R25
R10
Soda glass with
reflection factor
of 7%
(5 μm dia./
2 μm dia.)
E32-L24S 2M
E32-L25L 2M
0 to 15
0 to 12
33-A
33-B
33-C
Appearance (mm)
Sensing
direction
Bending
radius
of cable
Sensing distance (mm)
E3X-HD
Standard
sensing object
(minimum
sensing
object)
Models
33 Page
Dimensions
No.
ST :
SHS:
0 to 4
0 to 4
ST :
SHS:
5.4 to 9
5.4 to 9
ST :
SHS:
0 to 15
0 to 15
0 to 4
0 to 4
5.4 to 9
5.4 to 9
0 to 15
0 to 12
ST :
SHS:
0 to 4
0 to 4
ST :
SHS:
5.4 to 9
5.4 to 9
ST :
SHS:
IP40
IP50
IP50
E3NX-FA
HS
GIGA
Other modes
HS
GIGA
Other modes
(Center 7.2)
(Center 7.2)
(Center 7.2)
(Center 7.2)
Specifications
Dimensions
- Reference Information for Model Selection -
•
These Fiber Units detect only objects in the sensing range. Objects in the
background that are located beyond a certain point are not detected.
They are not easily affected by the material or color of the sensing object.
Limited-reflective Fiber Units
Limited-reflective Fiber Units
Installation Information → 59 Page
* E3NX-FA21 used in high-speed (HS) mode
E32-L25L
Sensing range
15
10
5
0
Distance (mm)
0
2000
4000
6000
8000
9999
E32-L25L + E3NX-FA21
-2000
0
2000
4000
6000
8000
0
5
10
15
9999
E32-L24S + E3NX-FA21
0
2000
4000
6000
8000
9999
E32-L24S
Sensing range
15
10
5
0
Distance (mm)
0
2000
4000
6000
8000
9999
E32-L16-N + E3NX-FA21
E32-L16-N
0
2000
4000
6000
8000
9999
Sensing range
30
25
20
15
10
5
0
Distance (mm)
E32-L25L + E3NX-FA21
2000
4000
6000
8000
9999
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
Distance (mm)
E32-L25L + E3NX-FA21
Sensing
range
Background is not detected
White paper
Black paper
Glass, t = 0.7
SUS304
Stable
detection
If operation is affected by the background, perform power tuning or use the ECO Mode to decrease the incident light level.
The following mode names and response times apply to the modes given in the Sensing distance column.
[E3X-HD] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (NPN output: 50 μs, PNP output: 55 μs)
[E3NX-FA] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (30 μs)
The values for the minimum sensing object are reference values that indicate values obtained in standard mode with the sensing distance and sensitivity set to the optimum values.
The first value is for the E3X-HD and the second value is for the E3NX-FA.
The sensing distances for Reflective Fiber Units are for white paper.
Note 1.
2.
3.
4.
Sensing Distance vs. Digital Value
White paper
Black paper
Glass, t = 0.7
SUS304
The following graphs show how the digital value is high within the sensing range and small outside.
This explains why false detection does not occur outside the sensing range, even against common metal
backgrounds, such as stainless steel.
2,000
Two, 3.5 dia. mounting holes
with two, 6 dia. countersinks
on both sides
Two, 1 dia.
E39-F9: Provided
(ABS)
11
2.5
14
Sensing surface
3.5
2
3.5
7
2
Sensing distance
Two, 1 dia.
2,000
6
6.5
(Polycarbonate)
Two, 3.2 dia. mounting holes
with two, 6 dia. countersinks
on both sides
4
18
16
Sensing surface Two, 3.2 dia.
E39-F9: Provided
Two, 2.2 dia.
Model display tube
Two, 3.2 dia.mounting holes with
two, 6 dia. countersinks on both sides
2,000
14
20.5
3.8
Sensing
surface
(PVC)
10.6
(45)
0.95
2.7
6.8
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com