Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E39-RSP1 Datasheet(PDF) 88 Page - Omron Electronics LLC

Part # E39-RSP1
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-RSP1 Datasheet(HTML) 88 Page - Omron Electronics LLC

Back Button E39-RSP1 Datasheet HTML 84Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 85Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 86Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 87Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 88Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 89Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 90Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 91Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 92Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 100 page
background image
Fiber Amplifiers, Communications Unit and Accessories
Accessories (sold separately)
Fiber Amplifiers, Communications Unit and Accessories
Accessories (sold separately)
88
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
89
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
88
89
Master Connector
Slave Connector
E39-L143
Mounting Brackets
PFP-M
End Plate
PFP-100N
PFP-50N
PFP-100N2
DIN track
Four-R1.7
7
3.4
1
3
16
3
10 max. 7
10.3
7.3
5.3
(10.3)
2.5
34.8
22
16
26.8
3
Two-3.2 dia.
3.4
1
Two-M3
16±0.1
Mounting Holes
50
11.5
10
M4 × 8
panhead screw
M4 spring washer
4.8
1.3
1.8
1.8
1
6.2 10
35.5
35.3
89-A
89-D
89-B
89-C
88-A
88-B
E3X-CN21
E3X-CN11
E3X-CN22
E3X-CN12
Sensor I/O Connectors (for Models with M8 Connectors)
88-C
XS3F-M421-402-A
XS3F-M421-405-A
88-D
XS3F-M422-402-A
XS3F-M422-405-A
Wire-saving Connectors
Wire-saving Connectors (for Models with Wire-saving Connectors)
Ratings and Specifications
Models
Type
Item
Rated current
Rated voltage
Housing
Contact
Weight (packed state)
Number of conductors
Diameter of cable
Contact resistance
Number of insertions
Material
E3X-CN21
E3X-CN11
E3X-CN22
E3X-CN12
Master Connector
Slave Connector
20 mΩ max. (20 mVDC max., 100 mA max.)
(The above figure is for connection to the Amplifier Unit and the adjacent Connector.
It does not include the conductor resistance of the cable.)
Destruction: 50 times (for connection to the Amplifier Unit and the adjacent Connector)
Polybutylene terephthalate (PBT)
Phosphor bronze/gold-plated nickel
Approx. 55 g
2.5A
50VDC
Approx. 25 g
4 dia.
4
3
2
1
2.6 dia.
Sensor I/O Connectors
Models
Item
Rated current
Rated voltage
Number of conductors
Diameter of cable
Contact resistance
Number of insertions
XS3F-M42 -40 -A
40 mΩ max.
(20 mVDC max., 100 mA max.)
Destruction: 200 times
1A
125VDC
4
4 dia.
(7)
2,000
See note
Edge of amplifier
Note: E3X-CN21 : 4 dia. cable / 4 conductors / Standard length: 2 m
(Conductor cross section: 0.2 mm2 (AWG24), Insulator diameter: 1.1 mm)
E3X-CN11 : 4 dia. cable / 3 conductors / Standard length: 2 m
(Conductor cross section: 0.2 mm2 (AWG24), Insulator diameter: 1.1 mm)
Note: E3X-CN22 : 4 dia. cable / 2 conductors / Standard length: 2 m
(Conductor cross section: 0.2 mm2 (AWG24), Insulator diameter: 1.1 mm)
E3X-CN12 : 2.6 dia. cable / 1 conductor / Standard length: 2 m
(Conductor cross section: 0.2 mm2 (AWG24), Insulator diameter: 1.1 mm)
2,000
(7)
See note
Edge of amplifier
Material: Stainless steel (SUS304)
Material: Aluminum
Material: Aluminum
Material: Iron, zinc plating
4.5
15 25
25
10
10
1,000 (500)
(See note)
25
25
15 (5)
(See note)
35±0.3
7.3±0.15
27±0.15
1
Note: The figures in parenthesses are for the PFP-50N.
4.5
15 25
25
10
10
1,000
25
25 15
1
1.5
29.2
24
27
35±0.3
16
4 dia.
1.95
0.5
3.4
2.15
L
30
50
5
20.5
9
dia.
23.1
4 dia.
9 dia.
1.95 0.5
4
2
3
1
3.4
2.15 M8
L
31.4
21.5
12.9
30
50
5
Models
Cable length L (m)
XS3F-M42 -402-A
XS3F-M42 -405-A
2
5
Dimensions
(Unit: mm)
Tolerance class IT16 applies to demmensions in this date sheet unless otherwise specified.
+
50
0
+50
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com