Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E39-RSP1 Datasheet(PDF) 86 Page - Omron Electronics LLC

Part # E39-RSP1
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-RSP1 Datasheet(HTML) 86 Page - Omron Electronics LLC

Back Button E39-RSP1 Datasheet HTML 82Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 83Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 84Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 85Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 86Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 87Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 88Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 89Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 90Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 100 page
background image
Fiber Amplifiers, Communications Unit and Accessories
E3X-CRT and ECT
Fiber Amplifiers, Communications Unit and Accessories
E3X-CRT and ECT
86
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
87
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
86
87
Ratings and Specifications
E3X-CRT
E3X-ECT
E3X-CRT
E3X-ECT
87-A
87-B
Item
Communication method
Communications power supply voltage
Functions
Indicators
Dielectric strength
Insulation resistance
Ambient operating humidity
Storage temperature
Storage humidity
Mounting method
Weight (packed state/unit only)
Accessories
Vibration resistance
Ambient operating temperature
Shock resistance
Connectable Sensors
Specifications
2.4 W max. (Not including the power supplied to Sensor.)
100 mA max. at 24 VDC (Not including the current supplied to Sensor.)
10 to 150 Hz with double amplitude of 0.7 mm, or 50 m/s2
80 min each in X, Y, and Z directions
150 m/s2
3 times each in X, Y, and Z directions
0 to 55°C (with no icing or condensation)
* The temperature is limited by the number of connected Fiber Amplifier Units.
Fiber Sensors:
E3X-HD0 and E3X-MDA0
Laser Sensor Head with Separate Digital Amplifier: E3C-LDA0
Proximity Sensor with Separate Amplifier:
E2C-EDA0
CompoNet Communications
I/O communications, message communications, and Sensor error output
MS Indicator (Green/Red), NS indicator (Green/Red), and SS (Sensor Status) indicator (Green/Red)
14 to 26.4 VDC (Communications Unit draws power from the communications power supply.)
500 VAC 50/60Hz 1 min
20MΩ min.
25% to 85% (with no icing or condensation)
−
30 to 70°C (with no icing or condensation)
25% to 85% (with no condensation)
35-mm DIN track-mounting
Approx. 220 g/Approx. 95 g
Connector cover, DIN track End Plates and Instruction manual
Item
Communication method
Power supply voltage
Dielectric strength
Insulation resistance
Ambient operating humidity
Storage temperature
Storage humidity
Mounting method
Weight (packed state/unit only)
Accessories
Ambient operating temperature
Connectable Sensors
Power and current consumption
Functions
Indicators
Vibration resistance
Shock resistance
Specifications
2.4 W max. (Not including power the supplied to Sensor.)
100 mA max. at 24 VDC (Not including the current supplied to Sensor.)
DC (synchronous) mode, Free run mode, PDO communications,* 1
SDO communications, Sensor error output
L/A IN indicator (Yellow), L/A OUT indicator (Yellow), PWR indicator (Green), RUN indicator (Green),
ERROR indicator (Red), and SS (Sensor Status) indicator (Green/Red)
10 to 150 Hz with double amplitude of 0.7 mm, or 50 m/s2
80 min each in X, Y, and Z directions
150 m/s2
3 times each in X, Y, and Z directions
0 to 55°C (with no icing or condensation)
* The temperature is limited by the number of connected Fiber Amplifier Units.
Fiber Sensor
E3X-HD0 and E3X-MDA0
Laser Sensor Head with Separate Digital Amplifier: E3C-LDA0
Proximity Sensor with Separate Amplifier:
E2C-EDA0
EtherCAT
20.4 to 26.4 VDC
500 VAC 50/60 Hz 1 min
20MΩ min.
25% to 85% (with no condensation)
−30 to 70°C (with no icing or condensation)
25% to 85% (with no condensation)
35-mm DIN track-mounting
Approx. 220 g/Approx. 95 g
Power supply connector, connector cover, DIN track End Plates and Instruction manual
*1. Data Size Assignable to the PDO (Process Data Object):
There is a maximum data size that can be assigned. The maximum size is 36 bytes.
*2. Temperature Limitations Based on Number of Connected Fiber Amplifier Units:
Groups of 1 to 2 Amplifier Units: 0 to 55°C,
Groups of 3 to 10 Amplifier Units: 0 to 50°C,
Groups of 11 to 16 Amplifier Units: 0 to 45°C,
Groups of 17 to 30 Amplifier Units: 0 to 40°C
Read the User’s Manual for precautions
on using this Unit. (E413)
Note.
The E3X-CRT has two operating modes: I/O mode 1 and I/O mode 2.
The following table gives the differences between these modes.
* Temperature Limitations Based on Number of Connected Fiber Amplifier Units:
Groups of 1 to 2 Amplifier Units: 0 to 55°C,
Groups of 3 to 10 Amplifier Units: 0 to 50°C,
Groups of 11 to 16 Amplifier Units:0 to 45°C
I/O
classification
Number of
allocated points
Maximum number
of interconnected
I/O mode 1
I/O mode 2
Input Unit
I/O Unit
15
16
Input: 32
Input: 64
Output: 64
Read the User’s Manual for precautions
on using this Unit. (E412)
Dimensions
(Unit: mm)
Tolerance class IT16 applies to demmensions in this date sheet unless otherwise specified.
Power and current consumption
Power supply connector: Provided.
(FK-MCP 1,5/2-STF-3,5 AU)
18
12.8
102.5
41
Communications
Connector
(OUT)
Communications
Connector
(IN)
(53)
(49.5)
31.9
32.4
26.8
(30.7)
(36.3)
(31.7)
Communications
Connector
10.5
76.4
41
102.5
(53)
(49.5)
31.9
(36.3)
32.4
3.4
18.8
(24)
DIN Track (sold separately)
(PFP- N)
DIN Track (sold separately)
(PFP- N)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com