Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E39-RSP1 Datasheet(PDF) 59 Page - Omron Electronics LLC

Part # E39-RSP1
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-RSP1 Datasheet(HTML) 59 Page - Omron Electronics LLC

Back Button E39-RSP1 Datasheet HTML 55Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 56Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 57Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 58Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 59Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 60Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 61Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 62Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 63Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 100 page
background image
Installation Information
Installation Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
59
59
Models
Installation
Cable
Weight
(packed
state) (g)
Demensions
Page
No.
Ambient
temperature
Tightening
torque
Mounting
hole
Bending
radius
Unbendable
length*1
Tensile
strength
Sheath
material
Core
material
Emitter/receiver
differentiation
E32-D22R 2M
−40 to 70°C
0.29N · m 3.2+0.5
0
dia.
R1
0
9.8N
Polyethylene
Plastic
None
40
13 Page 13-C
E32-D22-S1 2M
−40 to 70°C
0.29N · m 4.2+0.5
0
dia. R10
10
9.8N
Polyethylene
Plastic
None
45
19 Page 19-I
E32-D24R 2M
−40 to 70°C
0.29N · m 3.2+0.5
0
dia.
R1
0
9.8N
Polyethylene
Plastic
None
40
19 Page 19-A
E32-D24-S2 2M
−40 to 70°C
0.29N · m
5+0.5
0
dia.
R25
10
19.6N
Polyethylene
Plastic
None
55
19 Page 19-B
E32-D25XB 2M
−40 to 70°C
0.15N · m
−
R4
10
9.8N
PVC
Plastic
None
40
43 Page 43-F
E32-D25-S3 2M
−40 to 70°C
0.29N · m
−
R10
10
9.8N
Polyethylene
Plastic
None
50
19 Page 19-L
E32-D31-S1 0.5M
−40 to 70°C
0.78N · m 3.2
+0.5
0
dia.
*2
R4
10
9.8N
Polyolefin
Plastic
None
35
19 Page 19-G
E32-D32L 2M
−40 to 70°C
0.29N · m 3.2+0.5
0
dia. R25
10
29.4N
Polyethylene
Plastic
Yellow dotted
line on emitter
cable
50
13 Page 13-E
E32-D32-S1 0.5M
−40 to 70°C
0.29N · m 3.2+0.5
0
dia.
R4
10
9.8N
Polyolefin
Plastic
None
35
19 Page 19-F
E32-D33 2M
−40 to 70°C
0.29N · m 3.2+0.5
0
dia. R25
10
9.8N
Polyethylene
Plastic
None
40
13 Page 13-F
19 Page 19-E
E32-D331 2M
−40 to 70°C
0.29N · m 2.2+0.5
0
dia.
R4
10
9.8N
Polyethylene
Plastic
None
30
19 Page 19-D
E32-D36P1 2M
−40 to 70°C
0.78N · m
−
R4
10
29.4N
Polyethylene
Plastic
None
60
49 Page 49-E
E32-D36T 2M
−40 to 70°C
−
−
R4
10
29.4N
Polyethylene
Plastic
None
190
51 Page 51-C
E32-D43M 1M
−40 to 70°C
0.29N · m 1.7+0.5
0
dia.
R4
10
9.8N
Polyethylene
Plastic
None
30
13 Page 13-B
19 Page 19-C
E32-D51 2M
−40 to 150°C
*3
0.98N · m 6.2+0.5
0
dia. R35
10
29.4N
Fluororesin
Plastic
None
60
47 Page 47-B
E32-D51R 2M
−40 to 100°C
*4
0.98N · m 6.2+0.5
0
dia.
R2
0
29.4N
Polyurethane
Plastic
None
60
47 Page 47-A
E32-D61-S 2M
−60 to 350°C
*5
0.98N · m 6.2+0.5
0
dia. R25
10
29.4N
SUS
Glass
None
190
47 Page 47-G
E32-D611-S 2M
−60 to 350°C
*5
0.98N · m 4.2+0.5
0
dia. R25
10
29.4N
SUS
Glass
None
170
47 Page 47-F
E32-D73-S 2M
−40 to 400°C
*5
0.78N · m 4.2+0.5
0
dia. R25
10
29.4N
SUS
Glass
None
170
47 Page 47-H
E32-D81R-S 2M
−40 to 200°C
*5
0.78N · m 6.2+0.5
0
dia. R10
10
9.8N
Fluororesin
Glass
None
70
47 Page 47-C
E32-D82F1 4M
−40 to 200°C
0.29N · m 6.5+0.5
0
dia. R25
10
29.4N
Fluororesin
Plastic
None
450
51 Page 51-D
E32-DC200BR 2M
−40 to 70°C
0.98N · m 6.2+0.5
0
dia.
R1
0
29.4N
PVC
Plastic
None
60
19 Page 19-K
E32-DC200F4R 2M
−40 to 70°C
0.78N · m 3.2
+0.5
0
dia.
*2
R1
0
9.8N
Polyethylene
Plastic
None
40
19 Page 19-H
E32-G16 2M
−40 to 70°C
0.53N · m
−
R5
0 *6
29.4N
Polyethylene
Plastic
−
51
49 Page 49-D
E32-L11FP 2M
−10 to 60°C
0.78N · m
−
R40
10
9.8N
Fluororesin
Plastic
None
310
39 Page 39-F
55 Page 55-G
E32-L11FS 2M
−10 to 85°C
0.78N · m
−
R40
10
9.8N
Fluororesin
Plastic
None
310
39 Page 39-G
55 Page 55-H
E32-L15 2M
−40 to 70°C
0.53N · m
−
R25
10
29.4N
Polyethylene
Plastic
White tube on
emitter cable
60
21 Page 21-F
E32-L16-N 2M
−40 to 70°C
0.29N · m
−
R25
10
29.4N
Polyethylene
Plastic
None
60
33 Page 33-A
37 Page 37-B
55 Page 55-A
E32-L24S 2M
−40 to 70°C
0.29N · m
−
R10
10
9.8N
Polyethylene
Plastic
None
40
33 Page 33-B
37 Page 37-A
E32-L25L 2M
−40 to 105°C
*4
0.29N · m
−
R10
10
9.8N
Polyethylene
Plastic
None
40
33 Page 33-C
37 Page 37-E
E32-L25T 2M
−40 to 70°C
−
−
R10
10
9.8N
Polyethylene
Plastic
None
40
51 Page 51-B
E32-LD11 2M
−40 to 70°C
0.98N · m
−
R25
10
29.4N
Polyethylene
Plastic
None
40
09 Page 09-I
E32-LD11N 2M
−40 to 70°C
0.98N · m 6.2+0.5
0
dia.
R2
0
29.4N
Polyethylene
Plastic
None
40
97 Page 97-C
E32-LD11R 2M
−40 to 70°C
0.98N · m
−
R1
0
29.4N
Polyethylene
Plastic
None
40
09 Page 09-I
*1 Unbendable length of cable from fiber head.
Do not bend the cable for at least 20 mm from where the cable inserts into the Fiber Amplifier Unit.
*2 For embedded mounting, prepare a hole with a diameter of 2.6 mm.
*3 For continuous operation, use the Fiber Unit between −40 to 130°C.
*4 For continuous operation, use the Fiber Unit between −40 to 90°C.
*5 The heat-resistant rating is not the same for all parts of the Fiber Unit. Refer to the dimensions diagrams for details.
*6 The bending radius of the protective cover (PVC, 25 mm) is 10 mm min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com