Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E39-RSP1 Datasheet(PDF) 92 Page - Omron Electronics LLC

Part # E39-RSP1
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-RSP1 Datasheet(HTML) 92 Page - Omron Electronics LLC

Back Button E39-RSP1 Datasheet HTML 88Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 89Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 90Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 91Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 92Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 93Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 94Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 95Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 96Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 100 page
background image
Safety Precautions
Safety Precautions
92
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
93
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
92
93
Fiber Unit Connection Side Hook
1
2
DIN Track
2
Tighten the screw while pressing the
End Plate.
3
4
Protective
Cover
Fiber Unit
1
3
Single Core
Multi Core
2
4
Lock Lever
Lock
Release
Protective Sticker
Power Supply
Connecting Terminal
Protective Cap
Precautions for Safe Use
Fiber Amplifier Unit
For common precautions, refer to www.ia.omron.com
Mounting the Fiber Amplifier Units
Mounting Fiber Units
This product is not designed or rated for
ensuring safety of persons either directly
or indirectly.
Do not use it for such purposes.
The following precautions must be observed to ensure safe
operation of the product. Doing so may cause damage or fire.
Precautions for Correct Use
(1) Be sure to mount the unit to the DIN track until it clicks.
(2) When using Amplifier Units with Wire-saving Connectors, attach
the protective stickers (provided with E3X-CN-series
Connectors) on the unused power pins to prevent electrical
shock and short circuiting. When using Amplifier Units with
Connectors for Communications Units, attach the protective
caps (provided with Sensor Communications Unit).
Mounting Amplifier Units in Group
(Wire-saving Connector Type Models)
1. Mount the Fiber Amplifier units
one at a time onto the DIN track
and push them until they click.
2. Slide the Fiber Amplifier units in
the direction 2.
3. Use End Plates (PFP-M: separately
sold) at the both ends of the
grouped Fiber Amplifier units to
prevent them from separating due
to vibration or other cause.
4. Tighten the screw on the End
Plates using a driver.
(3) <E3NX-FA series>
The length for the cable extension must be 30 m or less (or
less than 10 m for S-mark certified models).
Be sure to use a cable of at least 0.3 mm2 for extension.
The power voltage must be 24 to 30 V when connecting
amplifier units with extension cable and wire-saving connector.
<E3X-HD series>
The length for the cable extension must be 100 m or less.
Be sure to use a cable of at least 0.3 mm2 for extension.
(4) Do not apply the forces on the cord exceeding the following
limits: Pull: 40N; torque: 0.1N·m; pressure: 20N; bending:
29.4N
(5) Do not apply excessive force such as tension, compression or
torsion to the Amplifier Unit with the Fiber Unit fixed to the
Amplifier Unit.
(6) Always keep the protective cover in place when using the
Amplifier Unit. Not doing so may cause malfunction.
(7) It may take time until the received light intensity and
measured value become stable immediately after the power
is turned on depending on use environment.
(8) The product is ready to operate 200 ms after the power supply
is turned ON.
(9) The Mobile Console E3X-MC11, E3X-MC11-SV2 and
E3X-MC11-S cannot be connected.
(10) Mutual interference prevention on the E3NX-FA Series does
not function among the E3X-HD, E3X-DA-S, E3X-DA-N,
E3X-SD, or E3X-NA Fiber Amplifier Units.
Mutual interference prevention on the E3X-HD Series does
not function among the E3NX-FA, E3X-DA-N, E3X-SD, or
E3X-NA Fiber Amplifier Units.
Mutual interference prevention on the E3X-HD Series does
function among the E3X-DA-S and E3X-MDA Fiber Amplifier
Units.
(11) If the unit receives excessive sensor light, the mutual
interference prevention function may not work properly,
resulting in malfunction of the unit. In such case, increase the
threshold.
(12) The E3NW-ECT Sensor Communications Unit can be used
with the E3NX-FA0, but the E3X-DRT21-S, E3X-CRT, and
E3X-ECT Sensor Communications Units cannot be used.
The E3X-CRT and E3X-ECT Sensor Communications Unit
can be used with the E3X-HD0, but the E3X-DRT21-S and
E3NW-ECT Sensor Communications Units cannot be used.
(13) If you notice an abnormal condition such as a strange odor,
extreme heating of the unit, or smoke immediately stop using
the product, turn off the power, and consult your dealer.
(14) Do not use thinner, benzine, acetone, and lamp oil for cleaning.
Do not use the product with voltage in
excess of the rated voltage.
Excess voltage may result in malfunction
or fire.
Never use the product with AC power supply.
Otherwise, explosion may result.
• Under environments such as vibration, use an end plates
even with a single Fiber Amplifier Unit.
• The maximum numbers of connectable Amplifier Units are
given in the following table.
• If Units are to be connected, the ambient temperature will change
with the number of Units that are connected. Check the Ratings
and Characteristics specifications.
• Always turn OFF the power before connecting or disconnecting
Units.
* The mutual interference prevention function cannot be used
if the detection mode is set to super-high-speed mode (SHS).
1. Open the protective cover.
2. Raise the lock lever.
3. Insert the Fiber Unit in the
fiber unit hole to the bottom.
4. Return the lock lever to the
original position and fix the
Fiber Unit.
• When mounting a coaxial
reflective Fiber Unit, insert
the single-core Fiber Unit
to the upper hole (Emitter
side) and the multi-core
Fiber Unit to the lower hole (Receiver side).
The cables for the Single-core Fiber Units (Emitters) have
identification marks. Refer to the dimensions diagrams for
details.
• When removing the Fiber Unit, follow the above steps in reverse
order.
To maintain the characteristics of the Fiber Unit, make sure the
lock is released before removing the Fiber Unit.
Maximum
number of mutual
interference
prevention
Maximum
number of
interconnected
E3X-HD series standard models*
(E3X-HD11/HD41/HD6/HD8)
E3X-HD0
With E3X-ECT
16
10
30
16
10
10
With E3X-CRT
Thin Fiber Attachment
(E39-F9)
Loosely tighten.
Fiber Cutter
E39-F4
Thin-diameter
Fiber Unit Hole × 2
Standard Fiber
Unit Hole
(dia. 2.2 mm) × 3
About 0.5 mm
Insertion direction
Cut a thin fiber as follows.
For standard fibers, insert to the desired cutting position and cut.
Adjust the fiber
to the desired
length and fully
tighten.
(1)
(2)
Insert the Fiber
Unit into E39-F4
and cut it.
(3)
Finished state.
(Correctly cut end)
(4)
Amplifier Unit with
Wire-saving Connector
Amplifier Unit with Connector
for Communications Unit
E3NX-FA series*
30
10
Warning
(1) Do not install the product in the following locations.
• Locations subject to direct sunlight
• Locations subject to condensation due to high humidity
• Locations subject to corrosive gas
• Locations subject to vibration or mechanical shocks exceeding
the rated values
• Locations subject to exposure to water, oil, chemicals
• Locations subject to stream
• Locations subjected to strong magnetic field or electric field
(2) Do not use the product in environments subject to flammable
or explosive gases.
(3) Do not use the product in any atmosphere or environment
that exceeds the ratings.
(4) To secure the safety of operation and maintenance, do not
install the product close to high-voltage devices and power
devices.
(5) High-Voltage lines and power lines must be wired separately
from this product. Wiring them together or placing them in
the same duct may cause induction, resulting in malfunction
or damage.
(6) Do not apply load exceeding the ratings. Otherwise, damage
or fire may result.
(7) Do not short the load. Otherwise, damage or fire may result.
(8) Connect the load correctly.
(9) Do not miswire such as the polarity of the power supply.
(10) Do not use the product if the case is damaged.
(11) Burn injury may occur. The product surface temperature
rises depending on application conditions, such as the
ambient temperature and the power supply voltage. Attention
must be paid during operation or cleaning.
(12) When setting the Sensor, be sure to check safety, such as by
stopping the equipment.
(13) Be sure to turn off the power supply before connecting or
disconnecting wires.
(14) Do not attempt to disassemble, repair, or modify the product
Unit in any way.
(15) When disposing of the product, treat it as industrial waste.
(16) Do not use the Sensor in water, rain, or outdoors.
1. Let the hook on the Amplifier
Unit's Fiber Unit connection side
catch the track and push the unit
until it clicks.
Mounting on DIN Track
1. Push the unit in the direction 1.
2. Lift it up in the direction 2.
Removing from DIN Track
Refer to “I/O Circuit Diagrams” or
check the side of the unit for wire color
and role indications.
Mount Fiber Unit
Use Fiber Cutter
The fiber is
shipped loosely
tightened as
shown in the
figure at the
right
Note:
The insertion direction into the Fiber
Amplifier Unit is shown in the above figure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com