Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E39-RSP1 Datasheet(PDF) 79 Page - Omron Electronics LLC

Part # E39-RSP1
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-RSP1 Datasheet(HTML) 79 Page - Omron Electronics LLC

Back Button E39-RSP1 Datasheet HTML 75Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 76Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 77Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 78Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 79Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 80Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 81Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 82Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 83Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 100 page
background image
Fiber Amplifiers, Communications Unit and Accessories
E3NW
Fiber Amplifiers, Communications Unit and Accessories
E3NW
78
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
79
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
78
79
Fiber Amplifier Units E3X-HD Series
Sensor Communications Unit
Accessories (sold separately)
Wire-saving connectors (Required for models for Wire-saving Connectors.)
Connectors are not provided with the Fiber Amplifier Unit and must be ordered separately. * Protective stickers: provided.
Sensor I/O Connectors (Required for models with M8 Connectors.)
Connectors are not provided with the Fiber Amplifier Unit and must be ordered separately. * Protective stickers: provided.
Mounting Bracket
End Plate
DIN Track
Appearance
Type
Connecting method
Ratings and
Specifications Dimensions
Models
E3X-HD11 2M
E3X-HD41 2M
E3X-HD6
E3X-HD8
Pre-wired (2 m)
Standard
models
Model for
Sensor
Communications
Unit
Wire-saving Connector
E3X-HD14
E3X-HD44
M8 Connector
Connector for Sensor
Communications Unit
Page 80
Page 80
Page 81
NPN output
PNP output
E3X-HD0
Appearance
Model
Quantity
Dimensions
E39-L143
1
Page 89
Appearance
Communication
method
Ratings and
Specifications
Models
Applicable Fiber
Amplifier Model
Dimensions
E3X-CRT
E3X-ECT
CompoNet
EtherCAT
E3X-HD0
E3X-MDA0
Page 86
Page 87
Appearance
Type
Models
Cable
length
Number of
conductors
Dimensions
Ratings and
Specifications
E3X-CN11
E3X-CN12
Master Connector
Slave Connector
2m
3
1
Page 88
Page 88
A Mounting Bracket is not provided with the Fiber Amplifier Unit and must be ordered separately as required.
A Din Track is not provided with the Fiber Amplifier Unit and must be ordered separately as required.
Appearance
Model
Quantity
Dimensions
PFP-M
1
Page 89
Two End Plates are provided with the Sensor Communications Unit.
End Plates are not provided with the Fiber Amplifier Unit and must be ordered separately as required.
Appearance
Models
Type
Quantity
Dimensions
PFP-100N
PFP-50N
PFP-100N2
Shallow type,
total length: 1 m
1
Page 89
80-A
81-A
Page 81
81-B
Page 81
81-C
87-A
Page 87
87-B
E3X-HD Fiber Amplifier Units and Related Products
88-A
Page 88
88-B
Appearance
Models
Cable length
Number of
conductors
Dimensions
Ratings and
Specifications
XS3F-M421-402-A
XS3F-M421-405-A
XS3F-M422-402-A
XS3F-M422-405-A
Straight
L-shaped
2m
5m
2m
5m
4
Page 88
Page 88
88-C
Page 88
88-D
89-A
89-D
89-B
Page 89
89-C
Deep type,
total length: 1 m
Shallow type,
total length: 0.5 m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com