Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E39-RSP1 Datasheet(PDF) 38 Page - Omron Electronics LLC

Part # E39-RSP1
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-RSP1 Datasheet(HTML) 38 Page - Omron Electronics LLC

Back Button E39-RSP1 Datasheet HTML 34Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 35Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 36Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 37Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 38Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 39Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 40Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 41Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 42Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 100 page
background image
Environmental Immunity
Chemical-resistant, Oil-resistant
Environmental Immunity
Chemical-resistant, Oil-resistant
38
38
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
39
39
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
E32-T12F 2M
(Free Cutting)
E32-T51F 2M
(Free Cutting)
39-B
39-E
E32-T11F 2M
(Free Cutting)
39-C
E32-T11NF 2M
(Free Cutting)
39-A
E32-T14F 2M
(Free Cutting)
39-D
17.5
Two, 4 dia. (t=0.5)
(PTFE)
length: 2 m
(PFA)
(PFA)
SUS316L
Two, 2.2 dia.
Mounting hole:
Two, 4.2 dia.
12
35
10
38.5
Sensing object
(Glass)
39
Two, 2.2 dia.
Mounting hole:
Two, 4.2 dia.
12
22
14
40
(Heat-resistant PVC)
27
Sensing object
(Glass)
(PFA)
(PFA)
Two, 4 dia. (t=0.5)
(PTFE)
length: 2 m
2,000
16
100
6 dia. (Fluororesin)
5 dia.
Two, 2.2 dia.
Sensing surface
Two, 1 dia.
Opposite side 10, thickness 2.4 (Nickel-plated brass)
Washer (Nickel-plated iron)
Protective tube
Two, 2.2 dia.
17
15
5.2
2,000
M6×0.75
(Nickel-plated brass)
E32-L11FP 2M
(Free Cutting)
E32-D12F 2M
(Free Cutting)
39-F
39-H
E32-L11FS 2M
(Free Cutting)
E32-D11U 2M
(Free Cutting)
39-G
39-I
20
2,000
5 dia. (Fluororesin)
4 dia.
2.2 dia.
Sensing surface
Lens 4 dia.
100
Nut (PFA)
2.2 dia.
(Fluororesin)
Lens 3.7 dia.
(10.7)
2,000
R3.6
7.2 dia. (PFA)
35
10
19.8
3
10
21
2,000
5 dia. (Fluororesin)
4 dia.
2.2 dia.
100
4.5
200
20
1,800
Sensing surface
Lens 3.7 dia.
2.2 dia.
5 dia. (Fluororesin)
4 dia.
M8×1
Opposite side: 13 Thickness: 5 (SUS MX7),
Washer(SUS304)
7.5
19.1
10.7
(45)
Model display tube
2.2 dia.
(fluororesin)
10
Sensing surface
4 dia.(glass)
Sensing head
(SUS303)
2,000
(5.4)
(23)
4,000 *1
4,000 *1
4,000 *1
4,000 *1
4,000 *1
3,900
2,100
750
4,000 *1
2,700
GIGA −
190
1,260
360
21
5 dia.
5 dia.
20
7.2 dia.
35
5 dia.
20
E32-T12F 2M
Type
Sensing
direction
Chemical/
oil
resistant
Oil-
resistant
Chemical/
oil
resistant
150°C *2
Top-view
Top-view
Right-
angle
Side-view
R40
R40
Flexible,
R1
R4
3 dia.
(0.1 dia./
0.03 dia.)
4 dia.
(0.1 dia./
0.03 dia.)
4 dia.
(0.1 dia./
0.03 dia.)
E32-T11F 2M
E32-T14F 2M
E32-T51F 2M
E32-T11NF 2M
4,000
1,600
39-A
39-B
39-C
39-D
39-E
Appearance (mm)
Bending
radius
of cable
Sensing distance (mm)
Optical axis
diameter
(minimum
sensing
object)
Models
39 Page
Dimensions
No.
ST :
SHS:
4,000
1,000
ST :
SHS:
1,200
200
ST :
SHS:
4,000
700
ST :
SHS:
4,000
2,200
ST :
SHS:
4,000 *1
4,000 *1
4,000 *1
*3
4,000 *1
4,000 *1
2,600
1,400
500
4,000 *1
1,800
4,000
1,600
*1
*1
E3X-HD
ST :
SHS:
4,000
1,000
*1
*1
*1
*1
*1
ST :
SHS:
800
200
ST :
SHS:
2,800
700
ST :
SHS:
4,000
2,200
ST :
SHS:
IP67
IP67
IP67
IP67
IP68G
17
M6
16
6 dia.
14
20
40
Mounting
holes
A
38.5
17.5
Mounting
holes
A
E32-L11FP 2M
Type
Sensing
direction
Semiconductors:
Resist
stripping,
85°C
Chemical/
oil
resistant
Semiconductors:
Cleaning,
developing,
and etching,
60°C
Only cable:
chemical
resistant
Top-view
R40
R4
(5 μm dia./
2 μm dia.)
Glass
(t=0.7 mm)
E32-L11FS 2M
E32-D12F 2M
E32-D11U 2M
8 to 20 mm from tip of lens
(Recommended sensing distance: 11 mm)
19 to 31 mm from center of mounting hole A
(Recommended sensing distance: 22 mm)
8 to 20 mm from tip of lens
(Recommended sensing distance: 11 mm)
32 to 44 mm from center of mounting hole A
(Recommended sensing distance: 35 mm)
39-F
39-G
39-H
Appearance (mm)
Bending
radius
of cable
Sensing distance (mm)
Standard
sensing object
(minimum
sensing object)
Models
39 Page
Dimensions
No.
280
60
ST :
SHS:
520
100
ST :
SHS:
GIGA −
130
840
240
190
60
ST :
SHS:
350
100
ST :
SHS:
IP67
IP67
IP67
IP67
39-I
M8
19.1
E3NX-FA
E3X-HD
E3NX-FA
Other modes
HS
GIGA
Other modes
HS
GIGA
Other modes
HS
GIGA
Other modes
HS
GIGA
Hydrochloric acid
Sulfuric acid
Sodium hydroxide
Methyl alcohol
Acetone
Toluene
Benzene
Fluororesin
Acryl
ABS
PVC
Material
Chemical
Chemical-resistant Data for Fluororesin (Reference)
Polycarbonate Polyethylene
Note:
Results depend on concentration.
•
These Fiber Units are made from fluororesin for resistance to chemicals.
Specifications
Dimensions
Reflective Fiber Units
Reflective Fiber Units
Through-beam Fiber Units (Set of 2)
Installation Information → 58, 59 Page
Installation Information → 60 Page
Oil-resistance performance of the E32-T11NF
The following mode names and response times apply to the modes given in the Sensing distance column.
[E3X-HD] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (NPN output: 50 μs, PNP output: 55 μs)
[E3NX-FA] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (30 μs)
The values for the minimum sensing object are reference values that indicate values obtained in standard mode with the sensing distance and sensitivity set to the optimum values.
The first value is for the E3X-HD and the second value is for the E3NX-FA.
The sensing distances for Reflective Fiber Units are for white paper.
Note 1.
2.
3.
Through-beam Fiber Units
- Reference Information for Model Selection -
*1 The optical fiber is 2 m long on each side, so the sensing distance is 4,000 mm.
*2 For continuous operation, use the Fiber Unit between −40 and 130°C.
*3. The IP68G is the degree of protection which is defined according to the JIS (Japanese Industrial Standards). The IP68 indicates the same level of protection as defined by the IEC, and the G
indicates that a device has resistance to oil. Passed OMRON's Oil-resistant Component Evaluation Standards (OMRON's own durability evaluation standards)
(Cutting oil type: specified in JIS K 2241:2000; Temperature: 35°C max.)
Aluminum
ring bushing
Set screw
Fiber core
Fluororesin
(1) Screw is turned
for pressure-fitting.
Cutting oil
(2) Sealed with
high pressure.
Cutting oil
(2) Sealed with
high pressure.
Blocked.
Blocked.
Blocked.
Fluororesin Outer Cable Sheath
The fluororesin that covers the entire surface of the
cable sheath (fiber covering) prevents the penetration
of cutting oil.
Structure Around Sensing
Surface Also Resists Cutting
Oil and Cutting Chips
Mechanical Seal Structure
Mechanical Seal Structure
An aluminum ring bushing is compressed and deformed
by a set screw to seal the structure by pressing against
the fluororesin part of the fiber core. This prevents the
ingress of cutting oil from the joined surfaces.
Spherical glass
lens resists
oils adhered
Shape that prevents accumulation
of oil drops and cutting chips



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com