Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E39-RSP1 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E39-RSP1
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-RSP1 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button E39-RSP1 Datasheet HTML 3Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 4Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 5Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 6Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 7Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 8Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 9Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 10Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 100 page
background image
Standard Installation
Threaded Models
Standard Installation
Threaded Models
Through-beam → This Page
Reflective → 08 Page
06
06
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
07
07
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Hex-shaped Fiber Units with Build-in Lenses
have been added to the series.
(They have a right-angle shape like that of the E32-T11N shown below.)
E32-T11N 2M
(Free Cutting)
M4 nuts (Nickel-plated brass) and washers
(Nickel-plated iron) provided (4 of each).
2,000
M2.6×0.45
M4×0.7 (Trivalent chrome-plated zinc alloy)
3
10
(45)
5.5
4.7
14.7
8.4 dia.
Sensing surface
1 dia.
2.2 dia.
Model display tube
M2.6×0.45
Sensing surface
1 dia.
Opposite side: 7, Thickness: 2.4 (Nickel-plated brass)
Washers (Nickel-plated iron)
2.2 dia.
3
14
2,000
M4×0.7 (Nickel-plated brass)
3.2
E32-T11R 2M
(Free Cutting)
07-A
07-B
E32-LT11 2M
(Free Cutting)
E32-LT11R 2M
(Free Cutting)
07-C
2.2 dia.
M4×0.7 (Trivalent chrome-plated zinc alloy)
Lens (PMMA)
Opposite side: 7, Thickness: 2.4 (Nickel-plated brass)
Washers (Nickel-plated iron)
3.2
Sensing surface
2.3 dia.
10
15
2,000
4,000*
*
*
4,000
4,000
3,450
3,000
1,050
14.7
M4
14
M4
E32-T11N 2M
Size
Sensing
direction
(Aperture
angle)
M4
Right-
angle
(Approx. 60°)
Top-view
(Approx. 60°)
Top-view
(Approx. 15°)
Flexible,
R1
R25
Flexible,
R1
1 dia.
(5 μm dia./
2 μm dia.)
2.3 dia.
(0.1 dia.
/
0.03 dia.)
E32-T11R 2M
2,000
700
07-A
07-B
E32-LT11 2M
07-C
Appearance (mm)
Bending
radius
of cable
Sensing distance (mm)
Other modes
Optical axis
diameter
(minimum
sensing
object)
Models
07 Page
Dimensions
No.
E3X-HD
HS
GIGA
HS
GIGA
Other modes
1,500
280
ST :
SHS:
1,000
280
ST :
SHS:
4,000*
*
2,700
4,000
1,080
ST :
SHS:
4,000
1,080
ST :
SHS:
4,000
2,300
4,000
920
ST :
SHS:
3,500
920
ST :
SHS:
IP67
IP67
IP50
E32-LT11R 2M
M4
15
E3NX-FA
*
*
*
Top-view Type
Right-angle Type
•
Standard configuration. These Fiber Units are mounted into a hole drilled in a
bracket and secured with nuts.
•
The Right-angle Model prevents snagging on the cable because the cable runs
along the mounting surface.
Specifications
Dimensions
- Reference Information for Model Selection -
Through-beam Fiber Units
Through-beam Fiber Units (Set of 2)
Cladding
Cores
What Is “Flexible” Fiber?
The flexible fiber has a small bending radius for easy routing without easily breaking.
It is easy to use because the cable can be bent without significantly reducing light intensity.
Features of the Right-angle Type
• Cable is less prone to snagging.
• Cable runs along the mounting surface for less space compared
with Top-view Fiber Units.
• The nut is attached to the Fiber Unit to reduce installation work.
Installation Information → 59, 60 Page
Long-distance Sensing Applications
A separate Lens Unit can be attached to extend
the sensing distance.
→
26 Page
Breaking Due to Snagging or Shock
The Fiber Unit can be protected from breaking with stainless
steel spiral tube.
→
40 Page (Excluding the E32-T11N 2M.)
And
Structure which has a cladding around
a large number of ultrafine cores.
* The optical fiber is 2 m long on each side, so the sensing distance is 4,000 mm.
The following mode names and response times apply to the modes given in the Sensing distance column.
[E3X-HD] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (NPN output: 50 μs, PNP output: 55 μs)
[E3NX-FA] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (30 μs)
The values for the minimum sensing object are reference values that indicate values obtained in standard mode with the sensing distance and sensitivity set to the optimum values.
The first value is for the E3X-HD and the second value is for the E3NX-FA.
Note
1.
2.
What Are Fiber Units with Build-in Lenses?
These Fiber Units have built-in lenses.
They feature high-power beams.
You don’t have to worry about the lens falling off and getting lost.
→
96 Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com