Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E39-RSP1 Datasheet(PDF) 25 Page - Omron Electronics LLC

Part # E39-RSP1
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-RSP1 Datasheet(HTML) 25 Page - Omron Electronics LLC

Back Button E39-RSP1 Datasheet HTML 21Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 22Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 23Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 24Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 25Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 26Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 27Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 28Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 29Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 100 page
background image
Beam Improvements
High-power Beam(Long-distanceInstallation,Dust-resistant)
Beam Improvements
High-power Beam(Long-distanceInstallation,Dust-resistant)
24
24
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
25
25
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Fiber only → This Page
Lens ( to 70°C) → 26 Page
Lens ( to 200°C) → 28 Page
E32-D16 2M
(Free Cutting)
25-E
Two, 3.2 dia. mounting holes
Two, 6 dia. countersinks on both sides
Sensing surface Lens
Two, 5.8 dia lenses
8.5
11
6.5
Two, 2.2 dia.
2,000
22
(Aluminum)
17.5
9
E32-T17L 10M
(Free Cutting)
25-B
Sensing surface
lens diameter:
10 dia. (PMMA)
Opposite side 19, Thickness 5 (Aluminum)
2.2 dia.
23
42
10,000
M14×1 (ABS)
E32-LT11 2M
(Free Cutting)
E32-LT11R 2M
(Free Cutting)
25-C
2.2 dia.
M4×0.7 (Trivalent chrome-plated zinc alloy)
Lens (PMMA)
Opposite side: 7, Thickness: 2.4 (Nickel-plated brass)
Washers (Nickel-plated iron)
3.2
Sensing
surface 2.3 dia.
10
15
2,000
E32-T14 2M
(Free Cutting)
25-D
10±0.2
9.2
7
8
2.5
10.5
R3.5
Two, 3.2 dia.
mounting holes
Heat-resistant ABS
Sensing surface
Lens (PMMA)
4.4 dia.
Nitrile rubber
8.2
16
25.2
11.2
2,000
2.2 dia.
8
20,000 *2
20,000 *2
4,000 *1
4,000 *1
4,000 *1
4,000 *1
22
17.5
9
10.5
8
36.4
M14
42
E32-T17L 10M
Top-view
Right-
angle
Side-view
10°
15°
15°
30°
R25
4 dia.
(0.1 dia./
0.03 dia.)
10 dia.
E32-T14 2M
20,000 *2
20,000 *2
4,000 *1
4,000 *1
*2
*2
25-B
E32-LT11N 2M
25-A
25-D
Appearance (mm)
Aperture
angle
Sensing
direction
Bending
radius
of cable
Sensing distance (mm)
E3X-HD
Optical axis
diameter
(minimum
sensing
object)
Models
25 Page
Dimensions
No.
*1
*1
*1
*1
*1
*1
IP67
IP67
E32-D16 2M
Top-view
Bendresistant,
R4
−
40 to 2,800
40 to 900
40 to 4,000
40 to 1,350
40 to 1,400
40 to 480
25-E
Appearance (mm)
Aperture
angle
Sensing
direction
Bending
radius
of cable
Sensing distance (mm)
Optical axis
diameter
(minimum
sensing
object)
Model
25 Page
Dimensions
No.
ST :
SHS:
40 to 2,100
40 to 480
ST :
SHS:
IP40
4°
20,000
8,000
4,000
1,800
M4
15
E3NX-FA
E3X-HD
E3NX-FA
HS
GIGA
Other modes
HS
GIGA
Other modes
HS
GIGA
Other modes
HS
GIGA
Other modes
IP50
M4
14.4
4,000 *1
3,450
Specifications
Dimensions
•
Maximum sensing distance without attaching a Lens: 20 m (E32-T17L)
Suitable for detection of large objects and for use in large-scale installations.
•
Powerful enough to resist the influences of dust and dirt.
(Refer to the comparisons of incident level on the Reference Information
for Model Selection.)
•
In addition to the products listed on this page, Lenses are available to extend
the sensing distance. (→ 26 to 29 pages)
Through-beam Fiber Units (Set of 2)
Installation Information → 59, 60 Page
R25
Flexible,
R2
Flexible,
R1
2.3 dia.
(0.1 dia./
0.03 dia.)
2.3 dia.
(0.1 dia./
0.03 dia.)
E32-LT11 2M
25-C
4,000 *1
2,700
4,000
1,080
ST :
SHS:
20,000
8,000
ST :
SHS:
ST :
SHS:
4,000 *1
2,300
4,000
920
ST :
SHS:
4,000
1,800
ST :
SHS:
3,500
920
ST :
SHS:
4,000
920
ST :
SHS:
3,500
920
ST :
SHS:
IP50
E32-LT11R 2M
ST :
SHS:
ST :
SHS:
4,000
1,080
Through-beam Fiber Units
Reflective Fiber Units
The optical fiber is 2 m long on each side, so the sensing distance is 4,000 mm.
The optical fiber is 10 m long on each side, so the sensing distance is 20,000 mm.
*1
*2
The following mode names and response times apply to the modes given in the Sensing distance column.
[E3X-HD] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (NPN output: 50 μs, PNP output: 55 μs)
[E3NX-FA] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (30 μs)
The values for the minimum sensing object are reference values that indicate values obtained in standard mode with the sensing distance and sensitivity set to the optimum values.
The first value is for the E3X-HD and the second value is for the E3NX-FA.
The sensing distances for Reflective Fiber Units are for white paper.
Note
1.
2.
4,000 *1
3,450
4,000 *1
2,300
E32-D11R 2M
(Reference)
E32-D16 2M
×17
Reference (×1)
×1700
×160
×50
×40
×0.8
Reference (×1)
×10
×10
Comparisons of incident level (Reflective)
Comparisons of incident level (Through-beam)
E32-LT11R 2M
→ 24 page
E32-T11R 2M
(Reference)
E32-T11R + E39-F2
→ 26 page
E32-T14 2M
→ 24 page
E32-T11R + E39-F1
→ 26 page
E32-LT11N 2M
→ 24 page
E32-T11R + E39-F16
→ 26 page
E32-T17L 10M
→ 24 page
×60
E32-T11NF 2M
→ 38 page
- Reference Information for Model Selection -
Comparisons of incident level
Select the model based on the comparisons of incident level against Standard Fiber Units.
E32-LT11N 2M
(Free Cutting)
25-A
Reflective Fiber Units
Installation Information → 58 Page
Hexagonal nut Opposite side: 7, Thickness: 2.4 (Nickel-plated brass)
Toothed washer (Nickel-plated iron)
3.2 Sensing surface 2.3 dia.
(Methacrylate resin)
Model display tube 2.2 dia.
(8.1)
(45)
2,000
14.4
4.4
10
7
M4×0.7 (Trivalent chrome-plated zinc alloy)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com