Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E39-RSP1 Datasheet(PDF) 31 Page - Omron Electronics LLC

Part # E39-RSP1
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-RSP1 Datasheet(HTML) 31 Page - Omron Electronics LLC

Back Button E39-RSP1 Datasheet HTML 27Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 28Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 29Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 30Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 31Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 32Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 33Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 34Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 35Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 100 page
background image
Beam Improvements
Narrow View (Detection Across clearance)
Beam Improvements
Narrow View (Detection Across clearance)
30
30
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
31
31
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
E32-A03 2M (Free Cutting)
E32-T24SR 2M (Free Cutting)
31-A
31-D
E32-A03-1 2M (Free Cutting)
E32-T24S 2M (Free Cutting)
31-B
31-E
E32-A04 2M (Free Cutting)
E32-T22S 2M (Free Cutting)
31-C
31-F
15
2.2 dia.
2,000
Sensing surface
1.7 dia.
3 dia.
(Nickel-plated brass)
3.2
10
Mounting Brackets: E39-L83
(SUS) / provided
2.2 dia.
1.8
20.5
2
1.5
Sensing surface 1.7 dia.
11
3.4
3.5 dia.
0.4
17.6
3.2
(SUS303)
2,000
3.2
10
Mounting Brackets: E39-L83
(SUS) / provided
2.2 dia.
1.8
20.5
2
1.5
Sensing surface 1.7 dia.
11
3.4
3.5 dia.
0.4
17.6
3.2
(SUS303)
2,000
Note 1: Use the engraved surface and its opposing surface as
installation (reference) surfaces.
Note 2: Set of two symmetrically shaped Fiber Units.
Note: Use the engraved surface and its opposing surface as
installation (reference) surfaces.
Note: Use the engraved surface and its opposing surface as
installation (reference) surfaces.
2
4
2,000
20.5
2
2
Sensing surface
1.2 dia.
2 dia.
E39-F9: Provided
1 dia.
Engraved mark: 1 dia.
(SUS303)
2.95 dia.
Mounting Brackets: E39-L83
(SUS) / provided
2
6
Sensing surface 1.7 dia.
E39-F9:
Provided
(SUS303)
Engraved
mark:
1 dia.
2,000
0.4
1.8
3.2
10
11
17.6
3.2
3.4
4.3
3.5 dia.
20.5
13
12.5
3
6.5
2,000
Two, 3.4 dia.
mounting holes
Engraved mark: 1 dia.
1 dia.
Sensing surface
1.7 dia.
(SUS303)
2.95 dia.
4.5
3.5
10
3
E39-F9:
Provided
24.5
4,000*
1,800
1,920
670
4,000*
2,610
4,000*
2,190
4,000*
3,750
3.5 dia.
20.5
3 dia.
15
20.5
24.5
10
20.5
E32-A03 2M
Top-view
Side-view
Flexible,
R1
R10
R10
Flexible,
R1
1.5°
3.4°
4°
2 dia.
(0.1 dia./
0.03 dia.)
2 dia.
(0.1 dia./
0.03 dia.)
1.2 dia.
(0.1 dia./
0.03 dia.)
1.7 dia.
(0.1 dia./
0.03 dia.)
E32-A03-1 2M
E32-A04 2M
E32-T24SR 2M
E32-T24S 2M
E32-T22S 2M
2,670
500
31-A
31-B
31-C
31-D
31-E
31-F
Appearance (mm)
Aperture
angle
Sensing
direction
Bending
radius
of cable
Sensing distance (mm)
Optical axis
diameter
(minimum
sensing
object)
Models
31 Page
Dimensions
No.
ST :
SHS:
1,020
200
ST :
SHS:
3,300
580
ST :
SHS:
3,900
700
ST :
SHS:
4,000
1,000
ST :
SHS:
3,220
1,200
1,280
450
4,000*
1,740
4,000*
1,460
4,000*
*
2,500
1,780
500
E3X-HD
ST :
SHS:
680
200
ST :
SHS:
2,200
580
ST :
SHS:
2,600
700
ST :
SHS:
3,800
1,000
ST :
SHS:
IP50
IP50
IP50
IP50
IP50
Thickness:
3 mm
Thickness:
2 mm
Thickness:
3 mm
E3NX-FA
HS
GIGA
Other modes
HS
GIGA
Other modes
Specifications
Dimensions
- Reference Information for Model Selection -
• The fine beam prevents false detection of light that is reflected off
surrounding objects.
Through-beam Fiber Units
E32-T24S
Approx. 60°
(standard)
Approx. 4°
Through-beam Fiber Units (Set of 2)
Installation Information → 58, 60 Page
* The optical fiber is 2 m long on each side, so the sensing distance is 4,000 mm.
The following mode names and response times apply to the modes given in the Sensing distance column.
[E3X-HD] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (NPN output: 50 μs, PNP output: 55 μs)
[E3NX-FA] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (30 μs)
The values for the minimum sensing object are reference values that indicate values obtained in standard mode with the sensing distance and sensitivity set to the optimum values.
The first value is for the E3X-HD and the second value is for the E3NX-FA.
Note 1.
2.
Aperture angle and Optical Axis Diameter
The Aperture angle is the output angle of the emitted beam, and the
optical axis diameter is the core diameter of the emitter fiber.
A fiber with a narrow view has a larger optical axis diameter than
standard fibers, but the aperture angle is smaller so it is not
influenced by surrounding objects.
Aperture angle
Optical axis
diameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com