Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E39-RSP1 Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # E39-RSP1
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-RSP1 Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button E39-RSP1 Datasheet HTML 11Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 12Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 13Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 14Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 15Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 16Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 17Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 18Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 100 page
background image
Saving Space
Flat Models
Saving Space
Flat Models
14
14
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
15
15
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
E32-T15ZR 2M
(Free Cutting)
15-C
E32-T15XR 2M
(Free Cutting)
E32-T15YR 2M
(Free Cutting)
15-A
15-B
E32-D15ZR 2M
(Free Cutting)
15-G
E32-D15XR 2M
(Free Cutting)
E32-D15YR 2M
(Free Cutting)
15-E
15-F
Note: 1.
Set of two symmetrically shaped Fiber Units.
2.
Four, M2 × 8 stainless steel countersunk mounting screws are provided.
Note: 1.
Set of two symmetrically shaped Fiber Units.
2.
Four, M2 x 8 stainless-steel, pan-head mounting screws,
four spring washers, four flat washers, and four nuts are provided.
15-D
(SUS303)
Two, 2.2-dia. mounting holes
Two, 3.7-dia., countersinks on one side
(Polycarbonate)
1.3 dia.
Fiber Attachment
E39-F9W13
Sensing
surface:
3 dia.
E32-LT35Z 2M
(Free Cutting)
(Aluminum)
Sensing surface
2.2 dia.
Two, 2.2 dia. mounting holes with
two, 4.4 dia. countersinks on both sides
Note: 1.
Set of two symmetrically shaped Fiber Units.
2.
Four, M2 × 8 stainless steel countersunk mounting screws are provided.
(Aluminum)
Sensing surface
3
4
2.2 dia.
Two, 2.2 dia. mounting holes with
two, 4.4 dia. countersinks on both sides
Note: 1.
Set of two symmetrically shaped Fiber Units.
2.
Four, M2 × 8 stainless steel countersunk mounting screws are provided.
2.2 dia.
Two, 2.2 dia. mounting holes with
two, 4.4 dia. countersinks on both sides
(Aluminum)
Sensing surface
1 dia.
Note:
Two, M2 × 8 stainless steel countersunk mounting screws are provided.
Note:
Two, M2 × 8 stainless steel countersunk mounting screws are provided.
Note:
Two, M2 × 8 stainless steel countersunk mounting screws are provided.
Sensing surface
Two, 1 dia.
(Aluminum)
Two, 2.2 dia.
Two, 2.2 dia. mounting holes with
two, 4.4 dia. countersinks on both sides
Sensing surface
(Aluminum)
Two, 2.2 dia.
Two, 2.2 dia. mounting holes with
two, 4.4 dia. countersinks on both sides
Sensing surface
Two, 2.2 dia.
Two, 2.2 dia. mounting holes with
two, 4.4 dia. countersinks on both sides
(Aluminum)
3
7.5
2.5
2,000
15
2.8
3
2.4
7.5
10
2,000
8
3
2.5
1.5
15
7.5
5.5
Model display tube
8
4
3
2.5
1.5
7.5
15
5.5
2,000
8
3
4
7.5
15
2,000
2.5
5.5
15
2.5
7.5
7.5
2,000
2.5
3
10
7.5
2.5
4
2,000
1.4
2.2
7.5
15
10
6.3
2.4
3
1.5
2,000
12
11
1.75
5.5
7.5±0.1
8.5
(45)
(45)
Model display tube
Model display tube
Model display tube
Model display tube
(45)
(45)
(45)
(45)
(45)
Model display tube
Model display tube
3,000
1,050
1,120
390
1,260
360
300
78
15
3
10
3
10
15
15
10
3
15
8
3
15
3
8
15
3
8
E32-T15XR 2M
Top-view
Flat-view
Side-view
Flexible,
R1
1 dia.
(5 μm dia./
2 μm dia.)
E32-T15YR 2M
1,500
280
15-A
15-B
E32-T15ZR 2M
15-C
15-D
Appearance (mm)
Sensing direction
Bending
radius
of cable
Sensing distance (mm)
E3X-HD
Optical axis
diameter
(minimum
sensing
object)
Models
15 Page
Dimensions
No.
ST :
SHS:
670
100
ST :
SHS:
IP67
IP67
IP40
IP67
E32-D15XR 2M
Top-view
Flat-view
Side-view
Flexible,
R1
(5 μm dia./
2 μm dia.)
E32-D15YR 2M
520
100
15-E
15-F
15-G
Appearance (mm)
Sensing direction
Bending
radius
of cable
Sensing distance (mm)
E3X-HD
Optical axis
diameter
(minimum
sensing
object)
Models
15 Page
Dimensions
No.
ST :
SHS:
150
24
ST :
SHS:
2,000
700
750
260
1,000
280
ST :
SHS:
450
100
ST :
SHS:
840
240
200
52
350
100
ST :
SHS:
100
24
ST :
SHS:
IP67
IP67
IP67
E32-D15ZR 2M
E3NX-FA
E3NX-FA
Other modes
HS
GIGA
Other modes
HS
GIGA
Other modes
HS
GIGA
Other modes
HS
GIGA
12
3
8.5
3 dia.
(0.1 dia./
0.03 dia.)
3,600
1,200
1,800
300
ST :
SHS:
2,400
800
1,200
300
ST :
SHS:
Specifications
Dimensions
Through-beam Fiber Units (Set of 2)
Reflective Fiber Units
Installation Information → 58 Page
Installation Information → 60 Page
Flat-View Type
Side-View Type
Top-View Type
•
Thin profile for mounting in limited spaces.
•
Mounts directly without using special mounting brackets.
The following mode names and response times apply to the modes given in the Sensing distance column.
[E3X-HD] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (NPN output: 50 μs, PNP output: 55 μs)
[E3NX-FA] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (30 μs)
The values for the minimum sensing object are reference values that indicate values obtained in standard mode with the sensing distance and sensitivity set to the optimum values.
The first value is for the E3X-HD and the second value is for the E3NX-FA.
The sensing distances for Reflective Fiber Units are for white paper.
Note 1.
2.
3.
Through-beam Fiber Units
Reflective Fiber Units
E32-LT35Z 2M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com