Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP251C Datasheet(PDF) 105 Page - STMicroelectronics

Part # STM32MP251C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP251C Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STM32MP251C Datasheet HTML 101Page - STMicroelectronics STM32MP251C Datasheet HTML 102Page - STMicroelectronics STM32MP251C Datasheet HTML 103Page - STMicroelectronics STM32MP251C Datasheet HTML 104Page - STMicroelectronics STM32MP251C Datasheet HTML 105Page - STMicroelectronics STM32MP251C Datasheet HTML 106Page - STMicroelectronics STM32MP251C Datasheet HTML 107Page - STMicroelectronics STM32MP251C Datasheet HTML 108Page - STMicroelectronics STM32MP251C Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 241 page
background image
Symbol
Parameter
Operating
conditions
Min
Typ
Max
Unit
VDDCPU
Cortex-A35 supply voltage
Run1, Stop1 or LP-
Stop1 mode,
Fcpu1_overdrive
range(1)
0.87
0.91
0.935
V
Run1, Stop1 or LP-
Stop1 mode, Fcpu1
range
0.765
0.8
0.842
V
LPLV-Stop1
(LPCFG_D1 = 0)
0.64
0.67
0.842(10)
V
Run2, Stop2, LP-
Stop2 , LPLV-Stop2
or Standby1/2 mode
0
0
0.48
V
VDDGPU(1)
GPU supply voltage
Fgpu1_overdrive range
0.86
0.9
0.961
V
Fgpu1 range
0.76
0.8
0.839
V
VDDA18PLL1,
VDDA18PLL2,
VDDA18PLL3,
VDDA18DSI,
VDDA18CSI,
VDDA18LVDS,
VDDA18COMBOPH
Y
(9)(11)
1.8 V analog supply for PLLs, DSI/CSI/LVDS PHYs and
COMBOPHY
1.71
1.8
1.89(5)
V
VDDA18DDR(12)
1.8 V analog supply for DDRPHY
1.71
1.8
1.89
V
VDDA18USB(12)
1.8 V analog supply for USBPHY
1.75
1.8
1.89(5)
V
VDD33USB,
VDD33UCPD
3.3V USB supply
3.07
3.3
3.6
V
VDDA18ADC
ADC operating voltage
1.62
1.8
1.89(5)
V
VREF+
ADC reference voltage
1.1
-
VDDA18ADC
V
VBAT
Backup operating voltage
2.3(13)
-
3.6
V
VDDQDDR
DDR PHY supply voltage(2)
DDR3L memory
1.283
1.35
1.45
V
DDR4 memory
1.14
1.2
1.26
LPDDR4 memory
1.06
1.1
1.17
V08CAP
Backup regulator output voltage(14)
0.72
0.8
0.88
V
VIN
I/O Input voltage
I/O
-0.3
-
VDDxx + 0.3
(15)
V
I/O when ADC is
used
VDDA18ADC
+ 0.3
ANA0/ANA1
I/O when PVD_IN is
used
VDDA18AON +
0.3
UCPD IOs
VDD3V3_UCPD
+ 1.935
DDR I/O
VDDQDDR
TJ
Junction temperature range
Suffix 3 version
-40
-
125
° C
1. Feature might be limited or absent in some devices or packages. See Table 1 for details.
2. Values depend on the external memory device choice.
3. VDDA18AON and VDD must be present before any other supply.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 105/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com