Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS8579-ASST Datasheet(PDF) 41 Page - OSRAM GmbH

Part # AS8579-ASST
Description  Capacitive Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS8579-ASST Datasheet(HTML) 41 Page - OSRAM GmbH

Back Button AS8579-ASST Datasheet HTML 36Page - OSRAM GmbH AS8579-ASST Datasheet HTML 37Page - OSRAM GmbH AS8579-ASST Datasheet HTML 38Page - OSRAM GmbH AS8579-ASST Datasheet HTML 39Page - OSRAM GmbH AS8579-ASST Datasheet HTML 40Page - OSRAM GmbH AS8579-ASST Datasheet HTML 41Page - OSRAM GmbH AS8579-ASST Datasheet HTML 42Page - OSRAM GmbH AS8579-ASST Datasheet HTML 43Page - OSRAM GmbH AS8579-ASST Datasheet HTML 44Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
Document Feedback
AS8579
Package Drawings & Markings
Datasheet
• PUBLIC
DS000707
• v4-01 • 2022-Jun-08
43
│ 40
9
Package Drawings & Markings
Figure 49:
SSOP24 Package Outline Drawing
Ref.
Min
Nom
Max
A
1.73
1.86
1.99
A1
0.05
0.13
0.21
A2
1.68
1.73
1.78
b
0.22
0.30
0.38
c
0.09
0.17
0.25
D
7.90
8.20
8.50
E
7.40
7.80
8.20
E1
5.00
5.3
5.6
e
0.65 BSC
L
0.55
0.75
0.95
L1
1.25REF
L2
0.25REF
R
0.09
-
-
Ɵ
0°
4°
8°
N
24
(1)
All dimensions are in millimeters. Angles in degrees.
(2)
Dimensioning and tolerancing conform to ASME Y14.5M-1994.
(3)
N is the total number of terminals.
(4)
This package contains no lead (Pb).
(5)
This drawing is subject to change without notice.
RoHS
Green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com