Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS8579-ASST Datasheet(PDF) 26 Page - OSRAM GmbH

Part # AS8579-ASST
Description  Capacitive Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS8579-ASST Datasheet(HTML) 26 Page - OSRAM GmbH

Back Button AS8579-ASST Datasheet HTML 22Page - OSRAM GmbH AS8579-ASST Datasheet HTML 23Page - OSRAM GmbH AS8579-ASST Datasheet HTML 24Page - OSRAM GmbH AS8579-ASST Datasheet HTML 25Page - OSRAM GmbH AS8579-ASST Datasheet HTML 26Page - OSRAM GmbH AS8579-ASST Datasheet HTML 27Page - OSRAM GmbH AS8579-ASST Datasheet HTML 28Page - OSRAM GmbH AS8579-ASST Datasheet HTML 29Page - OSRAM GmbH AS8579-ASST Datasheet HTML 30Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
Document Feedback
AS8579
Register Description
Datasheet
• PUBLIC
DS000707
• v4-01 • 2022-Jun-08
43
│ 25
Read
ADDR
Write
ADDR
Name
Default
Description
0x22
0x32
TXV
0x0000
Sensor Driver Voltage Selection
0x23
0x33
SEN/MODE
0x0000
MUX control for the connected SENx Pins
0x24
0x34
SDG
0x0000
VAR_SEN Gain Selection
0x25
0x35
CBG
0x0000
Current Buffer Gain Selection
0x26
0x36
DCLK
0x0000
Demodulation Clock Selection
0x27
0x37
PGA
0x0000
Command sets the PGA voltage Gain. Adjusts
the input voltage to the ADC to optimize its
conversion resolution.
0x28
0x38
OFFSET_I PGA
0x0000
Command is used to program the offset DAC
to compensate parasitic offsets
0x29
0x39
OFFSET_Q PGA
0x0000
Command is used to program the offset DAC
to compensate parasitic offsets
0x2A
0x3A
ADCTL
0x0000
Controls the ADC converter cycles
0x2B
0x3B
BLANK
0x003F
This Register is used to program the 6-Bit
register up/down counter used for blanking
faults
0x2C
0x3C
PLUS/MINUS
0x00FF
Control the pin-to-pin short diagnostic MUX
7.2
Detailed Register Description
7.2.1
Sensor ID Register (Address 0x01)
The 0x01 command is used to read the ID Register. Reading this register will always return 0xA431.
This is used by the microprocessor to validate the SPI communication to the sensor.
Figure 22:
SENSOR ID Register
AS8579 ID [15:0] Binary
Read/Write
Default Value
1010 0100 0011 0001
R
0xA431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com