Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS8579-ASST Datasheet(PDF) 33 Page - OSRAM GmbH

Part # AS8579-ASST
Description  Capacitive Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS8579-ASST Datasheet(HTML) 33 Page - OSRAM GmbH

Back Button AS8579-ASST Datasheet HTML 29Page - OSRAM GmbH AS8579-ASST Datasheet HTML 30Page - OSRAM GmbH AS8579-ASST Datasheet HTML 31Page - OSRAM GmbH AS8579-ASST Datasheet HTML 32Page - OSRAM GmbH AS8579-ASST Datasheet HTML 33Page - OSRAM GmbH AS8579-ASST Datasheet HTML 34Page - OSRAM GmbH AS8579-ASST Datasheet HTML 35Page - OSRAM GmbH AS8579-ASST Datasheet HTML 36Page - OSRAM GmbH AS8579-ASST Datasheet HTML 37Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
Document Feedback
AS8579
Register Description
Datasheet
• PUBLIC
DS000707
• v4-01 • 2022-Jun-08
43
│ 32
Current Buffer Gain
Program Parameter
Min
Typ
Max
Unit
CBG=3
11
2.02
2.25
2.47
kOhm
7.2.12
Demodulation Clock Selection (Address 0x26/0x36)
In this register, you can set the demodulation clock frequency for I and Q-path
Figure 36:
DCLK Settings
DCLK
Value
Program
Parameter
Upper Path
Lower Path
Signal Clock
Clock Phase
Signal Clock
Clock Phase
DCLK=0
00
ICLK
In phase
QCLK
In phase
DCLK=1
01
QCLK
In phase
ICLK
In phase
DCLK=2
10
ICLK
180° out of phase
QCLK
180° out of phase
DCLK=3
11
QCLK
180° out of phase
ICLK
180° out of phase
7.2.13
PGA Voltage Gain Control (Address 0x27/0x37)
The 0x37 command sets the PGA voltage gain. This 3-bit number (PGA [2:0]) adjusts the input
voltage level to the ADC to optimize its conversion resolution. The 0x27 command reads the PGA
value. At power-up, PGA defaults to 0x00.The PGA is defined as an inverted amplifier.
Figure 37:
PGA Settings
PGA Value
PGA [2:0] Binary
Read/Write
PGA Gain
PGA_0
000
R/W
36
PGA_1
001
R/W
24
PGA_2
010
R/W
16
PGA_3
011
R/W
10.67
PGA_4
100
R/W
7.11
PGA_5
101
R/W
4.74
PGA_6
110
R/W
3.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com