Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS8579-ASST Datasheet(PDF) 14 Page - OSRAM GmbH

Part # AS8579-ASST
Description  Capacitive Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS8579-ASST Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button AS8579-ASST Datasheet HTML 10Page - OSRAM GmbH AS8579-ASST Datasheet HTML 11Page - OSRAM GmbH AS8579-ASST Datasheet HTML 12Page - OSRAM GmbH AS8579-ASST Datasheet HTML 13Page - OSRAM GmbH AS8579-ASST Datasheet HTML 14Page - OSRAM GmbH AS8579-ASST Datasheet HTML 15Page - OSRAM GmbH AS8579-ASST Datasheet HTML 16Page - OSRAM GmbH AS8579-ASST Datasheet HTML 17Page - OSRAM GmbH AS8579-ASST Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
Document Feedback
AS8579
Functional Description
Datasheet
• PUBLIC
DS000707
• v4-01 • 2022-Jun-08
43
│ 13
6
Functional Description
The transceiver Analog Front-End (AFE) architecture performs the primary function of the AS8579,
which is to sense the impedance of the output load. This is done using transmitter and receiver blocks.
The transmitter block supplies the load a sine wave across. Then the receiver block captures the
current response of the load. Here the change of the current in phase and modulus will be sensed.
The current response is converted to a voltage via trance-impedance amplifier and then demodulated
into in-phase (I) and quadrature (Q) components. I and Q components are then filtered and converted
to 10-bit digital words via ADC. These I and Q words are accumulated awaiting 16-bit SPI
transmission.
Current response can be measured on any of the 10 SEN pins connected to the Sensor Driver
through analog multiplexers (MUX). The external processor controls the MUX. The processor retrieves
the I and Q components of each sensor from AS8579 and then determines the size of the impedance
load of the external sensor(s).
There are four selectable non-harmonic sensor frequencies for generating the sensor driver output
signal: 45.45 kHz, 71.43 kHz, 100 kHz and 125 kHz. This can be set in FREQ register (see 7.2.7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com