Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS8579-ASST Datasheet(PDF) 36 Page - OSRAM GmbH

Part # AS8579-ASST
Description  Capacitive Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS8579-ASST Datasheet(HTML) 36 Page - OSRAM GmbH

Back Button AS8579-ASST Datasheet HTML 32Page - OSRAM GmbH AS8579-ASST Datasheet HTML 33Page - OSRAM GmbH AS8579-ASST Datasheet HTML 34Page - OSRAM GmbH AS8579-ASST Datasheet HTML 35Page - OSRAM GmbH AS8579-ASST Datasheet HTML 36Page - OSRAM GmbH AS8579-ASST Datasheet HTML 37Page - OSRAM GmbH AS8579-ASST Datasheet HTML 38Page - OSRAM GmbH AS8579-ASST Datasheet HTML 39Page - OSRAM GmbH AS8579-ASST Datasheet HTML 40Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
Document Feedback
AS8579
Register Description
Datasheet
• PUBLIC
DS000707
• v4-01 • 2022-Jun-08
43
│ 35
Figure 42:
ADC Frequency Setting
ADCTL [3:2] Binary
System Settling Time in Periods
ADCLK Frequency [kHz]
00
16 * MCLK_p
250
01
8 * MCLK_p
500
10
4 * MCLK_p
1000
11
16 * MCLK_p
250
ADCTL [1:0] selects the ADC state
Figure 43:
ADC State
ADCTL [1:0] Binary
ADC State
00
RESET of DSP and ADC stop
01
Start single conversion
10
Start continuous conversions
11
Stop current conversions
Figure 44:
ADCTL vs System Timing
ADCTL
Selected Settings
System Timing
Settling
[7:6]
Samples
[5:4]
Freq
[3:2]
Settling
Time
(µs)
Number
of I/Q
Samples
ADC I/Q
Sample
Rate
(kHz)
Settling
Time
(µs)
ADC
Sampling
Time
(µs)
Total
Time
(µs)
00
00
00
400
4
11.36
400
352
752
00
00
01
400
4
22.73
400
176
576
00
00
10
400
4
45.45
400
88
488
00
01
00
400
8
11.36
400
704
1104
00
01
01
400
8
22.73
400
352
752
00
01
10
400
8
45.45
400
176
576
00
10
00
400
16
11.36
400
1408
1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com