Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS8579-ASST Datasheet(PDF) 19 Page - OSRAM GmbH

Part # AS8579-ASST
Description  Capacitive Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS8579-ASST Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button AS8579-ASST Datasheet HTML 15Page - OSRAM GmbH AS8579-ASST Datasheet HTML 16Page - OSRAM GmbH AS8579-ASST Datasheet HTML 17Page - OSRAM GmbH AS8579-ASST Datasheet HTML 18Page - OSRAM GmbH AS8579-ASST Datasheet HTML 19Page - OSRAM GmbH AS8579-ASST Datasheet HTML 20Page - OSRAM GmbH AS8579-ASST Datasheet HTML 21Page - OSRAM GmbH AS8579-ASST Datasheet HTML 22Page - OSRAM GmbH AS8579-ASST Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
Document Feedback
AS8579
Functional Description
Datasheet
• PUBLIC
DS000707
• v4-01 • 2022-Jun-08
43
│ 18
6.2
SPI Interface
The sensor contains a single serial peripheral interface (SPI), consisting of Serial Clock (SCLK), Data
Out (MISO), Data In (MOSI), and Chip Select (CS) pins. The AS8579 is configured as a SPI slave.
The SPI interface is used to edit Register content, access Control and readout Sensor Values
The CS input selects this device for serial transfers. CS is active high. Register data is shifted in the
MOSI pin and shifted out the MISO pin on each subsequent SCLK. The CS input has a pull-down
internal to the IC, which pulls this pin to the negated state should an open circuit condition occur.
The SCLK input is the clock signal input for synchronization of serial data transfer. When CS is
asserted, both the SPI master and the slave latch input data on the rising edge of SCLK. The SPI
master typically shifts data out on the falling edge of SCLK, as does this device. SCLK input has a
pull-down internal to the AS8579 which pulls this pin to the negated state should an open circuit
condition occur. SCLK can idle in either state (high or low).
The MISO output pin is in a tri-state condition when CS is low. Data is transmitted on MISO MSB first.
MISO has a weak pull-down to set the bus to a defined state when the output is in tri-state mode.
MOSI takes data from the master microprocessor while CS is asserted. Data is received MSB first.
MOSI has a pull-down internal to the AS8579 which pulls this pin to the negated state should an open
circuit condition occur.
Figure 13:
SPI TIMING
Symbol
Parameter
Min
Typ
Max
Unit
tSCK
SCLK Period
125
ns
tLEAD
Enable Lead Time
16.25
ns
tLAG
Enable Lag Time
12.5
ns
tSCKHS
SCLK High Time
25
ns
tSCKLS
SCLK Low Time
25
ns
tSUS
MOSI Input Setup Time
5
ns
tHS
MOSI Input Hold Time
5
ns
tA
MISO Access Time
50
ns
tDIS
MISO Disable Time
25
ns
tVS
MISO Output Valid Time
20
ns
tHO
MISO Output Hold Time
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com