Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS8579-ASST Datasheet(PDF) 30 Page - OSRAM GmbH

Part # AS8579-ASST
Description  Capacitive Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS8579-ASST Datasheet(HTML) 30 Page - OSRAM GmbH

Back Button AS8579-ASST Datasheet HTML 26Page - OSRAM GmbH AS8579-ASST Datasheet HTML 27Page - OSRAM GmbH AS8579-ASST Datasheet HTML 28Page - OSRAM GmbH AS8579-ASST Datasheet HTML 29Page - OSRAM GmbH AS8579-ASST Datasheet HTML 30Page - OSRAM GmbH AS8579-ASST Datasheet HTML 31Page - OSRAM GmbH AS8579-ASST Datasheet HTML 32Page - OSRAM GmbH AS8579-ASST Datasheet HTML 33Page - OSRAM GmbH AS8579-ASST Datasheet HTML 34Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
Document Feedback
AS8579
Register Description
Datasheet
• PUBLIC
DS000707
• v4-01 • 2022-Jun-08
43
│ 29
Figure 28:
Frequency Selection
FREQ [1:0] Binary
Read/Write
Frequency [kHz]
00
R/W
45.45
01
R/W
71.4
10
R/W
100
11
R/W
125
7.2.8
Sensor Driver Voltage Selection Register (Address 0x22/0x32)
The 0x32 command sets the transmitter output AC voltage (TXV). At power-up, TXV defaults to 0x00.
The 0x22 command is used to read the current value of TXV. TXF1 and TXF2 diagnostic bits are not
valid when TXV=0x00 or TXV=0x03.
Figure 29:
Sensor Driver Voltage Selection
TXV [1:0] Binary
Read/Write
Output Voltage Peak-Peak [V]
00
R/W
0
01
R/W
0.5
10
R/W
1.0
11
R/W
0
7.2.9
MUX Control Register (Address 0x23/0x33)
The 0x33 command controls the ten 3-channel MUXES connected to the SENx pins. It also controls
the 2-channel MUX connected to the VAR_SEN pin. The 0x23 command reads the current data in the
channel select control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com