Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS8579-ASST Datasheet(PDF) 8 Page - OSRAM GmbH

Part # AS8579-ASST
Description  Capacitive Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS8579-ASST Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button AS8579-ASST Datasheet HTML 4Page - OSRAM GmbH AS8579-ASST Datasheet HTML 5Page - OSRAM GmbH AS8579-ASST Datasheet HTML 6Page - OSRAM GmbH AS8579-ASST Datasheet HTML 7Page - OSRAM GmbH AS8579-ASST Datasheet HTML 8Page - OSRAM GmbH AS8579-ASST Datasheet HTML 9Page - OSRAM GmbH AS8579-ASST Datasheet HTML 10Page - OSRAM GmbH AS8579-ASST Datasheet HTML 11Page - OSRAM GmbH AS8579-ASST Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
Document Feedback
AS8579
Pin Assignment
Datasheet
• PUBLIC
DS000707
• v4-01 • 2022-Jun-08
43
│ 7
3.2
Pin Description
Figure 4:
Pin Description of AS8579 (SSOP24 package)
Pin Number
Pin Name
Pin Type(1)
Description
1
SEN9
AIO 0 Ohm
Sensor Line 9
2
SEN8
AIO 0 Ohm
Sensor Line 8
3
SEN7
AIO 0 Ohm
Sensor Line 7
4
SEN6
AIO 0 Ohm
Sensor Line 6
5
SEN5
AIO 0 Ohm
Sensor Line 5
6
SEN4
AIO 0 Ohm
Sensor Line 4
7
SEN3
AIO 0 Ohm
Sensor Line 3
8
SEN2
AIO 0 Ohm
Sensor Line 2
9
SEN1
AIO 0 Ohm
Sensor Line 1
10
SEN0
AIO 0 Ohm
Sensor Line 0
11
VAR_SEN(2)
AIO 0 Ohm
Cable Shielding Driver
12
FIX_SEN(3)
AIO 0 Ohm
PCB Shielding Driver
13
CLK _E
DI_PD
System Clock
14
TEST
Factory Test Pin connect to
GND
15
CS
DI_PD
SPI Chip Select (active
high)
16
MOSI
DI_PD
SPI Data in
17
SCLK
DI_PD
SPI Clock
18
VDD
S
External 5 V Supply
19
VDD
S
External 5 V Supply
20
MISO
DO
SPI Data out
21
GND
S
Ground
22
GND
S
Ground
23
VREG
S
Internal 3.45 V Supply
24
VREG2
S
Connect to VREG
(1)
Explanation of abbreviations:
AIO 0Ohm Analog Input/Output
DI_PD
Digital Input with internal pull-down (see Electrical Characteristics)
DO
Digital Output
S
Supply
(2)
VAR_SEN optionally connected to cable shielding to avoid parasitic capacitance influences from the shielding
(3)
FIX_SEN
optionally connected to PCB shield layer to avoid parasitic capacitance influences from PCB shield layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com