Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS8579-ASST Datasheet(PDF) 27 Page - OSRAM GmbH

Part # AS8579-ASST
Description  Capacitive Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS8579-ASST Datasheet(HTML) 27 Page - OSRAM GmbH

Back Button AS8579-ASST Datasheet HTML 23Page - OSRAM GmbH AS8579-ASST Datasheet HTML 24Page - OSRAM GmbH AS8579-ASST Datasheet HTML 25Page - OSRAM GmbH AS8579-ASST Datasheet HTML 26Page - OSRAM GmbH AS8579-ASST Datasheet HTML 27Page - OSRAM GmbH AS8579-ASST Datasheet HTML 28Page - OSRAM GmbH AS8579-ASST Datasheet HTML 29Page - OSRAM GmbH AS8579-ASST Datasheet HTML 30Page - OSRAM GmbH AS8579-ASST Datasheet HTML 31Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
Document Feedback
AS8579
Register Description
Datasheet
• PUBLIC
DS000707
• v4-01 • 2022-Jun-08
43
│ 26
7.2.2
Status Register (Address 0x02)
The 0x02 command is used to read the Status Register plus diagnostics.
Figure 23:
Status Register
Name
Bit Position
Read/Write
Description
R_EDIV
15:13
R
Bit [0:2] from EDIV Register (0x20/0x30)
OTPF
12
R
Occurs when signature of the OTP is wrong
PPSF
11
R
Pin-to-Pin short Error. Pins under test are shorted
together. Blanking not needed.
BPFF
10
R
Occurs when voltage of internal filter is exceeding the
operating range.
REGF
9
R
Error Flag (=1) occurs Regulator voltage is exceeding
the operating range. Blanking not needed.
OCSLD
8
R
Error Flag (=1) occurs when current exceeds the
maximum limit.
OCSEN
7
R
Error Flag (=1) occurs when current exceeds the
maximum limit.
TEST
6
R
For internal use
TX1F
5
R
Error Flag (=1) occurs output voltage of sensor driver is
exceeding the operating range.
TX2F
4
R
Error Flag (=1) occurs output voltage of VAR_SEN
driver is exceeding the operating range.
PGA1F
3
R
PGA1F=1 when I channel is saturated high or low.
PGA2F
2
R
PGA2F=1 when Q channel is saturated high or low.
NCLK
1
R
NCLK=1 when the clock is missing or invalid on CLK_E
CBF
0
R
CBF=1 occurs when output voltage of current buffer is
exceeding the operating range.
7.2.3
I-Channel Data (Address 0x03)
According to the register settings the Accumulated Data for the I-Channel. Dependent on the
accumulation setting in the ADCTL register (0x2A/0x3A), the value can be from 12 up to 14 bits.
The content of the register can be read out with command 0x90.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com