Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS8579-ASST Datasheet(PDF) 20 Page - OSRAM GmbH

Part # AS8579-ASST
Description  Capacitive Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS8579-ASST Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button AS8579-ASST Datasheet HTML 16Page - OSRAM GmbH AS8579-ASST Datasheet HTML 17Page - OSRAM GmbH AS8579-ASST Datasheet HTML 18Page - OSRAM GmbH AS8579-ASST Datasheet HTML 19Page - OSRAM GmbH AS8579-ASST Datasheet HTML 20Page - OSRAM GmbH AS8579-ASST Datasheet HTML 21Page - OSRAM GmbH AS8579-ASST Datasheet HTML 22Page - OSRAM GmbH AS8579-ASST Datasheet HTML 23Page - OSRAM GmbH AS8579-ASST Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
Document Feedback
AS8579
Functional Description
Datasheet
• PUBLIC
DS000707
• v4-01 • 2022-Jun-08
43
│ 19
Symbol
Parameter
Min
Typ
Max
Unit
tRO
Rise Time
7.2
ns
tFO
Fall Time
7.5
ns
tCS_N
CS_N Negated Time
50
ns
fOP
Transfer Frequency
DC
8
MHz
Figure 14:
Timing Diagram
The serial communications shall be accomplished with the CS, SCLK, MOSI, and MISO pins. The host
CPU selects the AS8579 with the CS signal and shifts data into the AS8579 MOSI input using the
SCLK for synchronizing the bit shifts. Upon receiving SCLKs from the host CPU (when selected), the
AS8579 shifts data out the MISO pin. Serial data from MOSI is latched into the shift register on the
rising edge of SCLK. Data is shifted out to MISO on the falling edge of SCLK.
There are 3 types of commands for the SPI:
●
Read
●
Write
●
“Quick Read”
All command and data bytes are 8 bits wide. Data bytes always sent and received MSB first.
CS
(Input)
SCLK
(Input)
MOSI
(Input)
MISO
(Output)
tSCK
tLEAD
tSUS
tA
tDIS
tLAG
tCS_N
tSCKHS
tSCKLS
MSB
MSB
Data
Data
LSB
LSB
tHS
tVS
tRO
tFO
tHO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com