Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS8579-ASST Datasheet(PDF) 11 Page - OSRAM GmbH

Part # AS8579-ASST
Description  Capacitive Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS8579-ASST Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button AS8579-ASST Datasheet HTML 7Page - OSRAM GmbH AS8579-ASST Datasheet HTML 8Page - OSRAM GmbH AS8579-ASST Datasheet HTML 9Page - OSRAM GmbH AS8579-ASST Datasheet HTML 10Page - OSRAM GmbH AS8579-ASST Datasheet HTML 11Page - OSRAM GmbH AS8579-ASST Datasheet HTML 12Page - OSRAM GmbH AS8579-ASST Datasheet HTML 13Page - OSRAM GmbH AS8579-ASST Datasheet HTML 14Page - OSRAM GmbH AS8579-ASST Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Document Feedback
AS8579
Electrical Characteristics
Datasheet
• PUBLIC
DS000707
• v4-01 • 2022-Jun-08
43
│ 10
5.2
Analog Front End
Figure 7:
Analog Front End
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
SENS
System sensitivity
@PGA=0, CBG=0,
TXV=2, FREQ=3
9.375
12.5
15.625
LSB/pF
CSENSE
Sensing capacity range
Measuring range with
5 kOhm in parallel
20
2000
pF
CLOAD
capacity of cable shielding
0
2000
pF
LIN
Overall system linearity
Sensor capacitance
range 0 nF to 2 nF
1
%
NOISE
System noise
On I or Q registers
3
σ noise referenced to
full scale
±0.2
%
PSR
System power supply
rejection
±20
LSB
VMM
Output voltage mismatch
between drivers
1
%
PMM
Output phase mismatch
between drivers
2
Deg
ROUT0
SENx output DC
resistance
MODE=0
10
M
Ω
ROUT1
SENx output DC
resistance
MODE=1
10
Ω
ROUT2
SENx output DC
resistance
MODE=2
3.5
5
6.5
k
Ω
SCI
Sensor crosstalk
impedance
Differential impedance
between SENx pins
5
MΩ
CAP
Output capacitance of
SEN line
8
pF
DCAP
Driver output capacitance
drift over temp / lifetime
0.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com