Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS8579-ASST Datasheet(PDF) 34 Page - OSRAM GmbH

Part # AS8579-ASST
Description  Capacitive Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS8579-ASST Datasheet(HTML) 34 Page - OSRAM GmbH

Back Button AS8579-ASST Datasheet HTML 30Page - OSRAM GmbH AS8579-ASST Datasheet HTML 31Page - OSRAM GmbH AS8579-ASST Datasheet HTML 32Page - OSRAM GmbH AS8579-ASST Datasheet HTML 33Page - OSRAM GmbH AS8579-ASST Datasheet HTML 34Page - OSRAM GmbH AS8579-ASST Datasheet HTML 35Page - OSRAM GmbH AS8579-ASST Datasheet HTML 36Page - OSRAM GmbH AS8579-ASST Datasheet HTML 37Page - OSRAM GmbH AS8579-ASST Datasheet HTML 38Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
Document Feedback
AS8579
Register Description
Datasheet
• PUBLIC
DS000707
• v4-01 • 2022-Jun-08
43
│ 33
PGA Value
PGA [2:0] Binary
Read/Write
PGA Gain
PGA_7
111
R/W
2.11
7.2.14
PGA Offset Control I-Channel (Address 0x28/0x38)
The 0x38 command is used to program the offset DACs for the I-channel.
This offset compensates for the parasitic offsets in the sensor system and allows to shift DC operating
point in order to maximize the ADC range. The 0x28 command reads the current values of OFFSET1.
DAC outputs can be set to 256 settings (VREG/256) between GND and VREG. (8-bit)
The Offset DAC is used to change the DC operating point of the ADC input. Increasing the Offset DAC
value one count will decrease the ADC input by 80 counts before the accumulation.
7.2.15
PGA Offset Control Q-Channel (Address 0x29/0x39)
The 0x39 command is used to program the offset DAC for the Q-channel.
This offset compensates for the parasitic offsets in the sensor system and allows to shift DC operating
point in order to maximize the ADC range. The 0x29 command reads the current values of OFFSET2.
DAC outputs can be set to 256 settings (VREG/256) between GND and VREG. (8-bit)
The Offset DAC is used to change the DC operating point of the ADC input. Increasing the Offset DAC
value one count will decrease the ADC input by 80 counts before the accumulation.
7.2.16
ADC Control Register (Address 0x2A/0x3A)
The 0x3A command controls the ADC converter cycles. The 0x2A command reads out the ADCTL
register.
Figure 38:
ADCTL Register Overview
TS
TS
ACCU ACCU
CS
CS
ADC
STATE
ADC
STATE
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com