Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS8579-ASST Datasheet(PDF) 17 Page - OSRAM GmbH

Part # AS8579-ASST
Description  Capacitive Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS8579-ASST Datasheet(HTML) 17 Page - OSRAM GmbH

Back Button AS8579-ASST Datasheet HTML 13Page - OSRAM GmbH AS8579-ASST Datasheet HTML 14Page - OSRAM GmbH AS8579-ASST Datasheet HTML 15Page - OSRAM GmbH AS8579-ASST Datasheet HTML 16Page - OSRAM GmbH AS8579-ASST Datasheet HTML 17Page - OSRAM GmbH AS8579-ASST Datasheet HTML 18Page - OSRAM GmbH AS8579-ASST Datasheet HTML 19Page - OSRAM GmbH AS8579-ASST Datasheet HTML 20Page - OSRAM GmbH AS8579-ASST Datasheet HTML 21Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
Document Feedback
AS8579
Functional Description
Datasheet
• PUBLIC
DS000707
• v4-01 • 2022-Jun-08
43
│ 16
SM7 Out of Range (VAR_SEN & FIX_SEN)
The safety mechanism Out of Range (VAR_SEN & FIX_SEN) is monitoring the voltage on the
VAR_SEN and FIX_SEN driver output. The voltage threshold limits are depending on the configured
transmitter voltage (SD_ACx).
The sensor provides an error flag TX2F=1 in Status Register when the driver output voltage
(TXDRV_AC1) is lower than voltage threshold TXF_Lx or higher than voltage threshold TXF_Hx.
Figure 11:
SM6 + SM7 Description
SM8 PGA FAIL 1 (I-channel)
The safety mechanism PGA FAIL 1 is monitoring if the I-channel is getting saturated high or low.
The sensor provides an error flag PGA1F=1 in Status Register when the output voltage of I channel is
lower than voltage threshold PGA1F_L or higher than voltage threshold PGA1F_H.
SM9 PGA FAIL 2 (Q-channel)
The safety mechanism PGA FAIL 2 is monitoring if the Q-channel is getting saturated high or low.
The sensor provides an error flag PGA1F=1 in Status Register when the output voltage of Q channel
is lower than voltage threshold PGA2F_L or higher than voltage threshold PGA2F_H.
SM10 Missing CLK_E Diagnostic
The missing CLK_E diagnostic (NCLK) monitors the system clock MCLK to ensure that it is running
and therefore CLK_E is coming from the microprocessor. If CLK_E is not running or invalid, the NCLK
SD_VDC
TXV=2 : TXF_H2
TXV=1 : TXF_H1
TXV=2 : SD_AC2
TXV=1 : SD_AC1
TXF_MP
TXF_MN
TXV=2 : TXF_L2
TXV=1 : TXF_L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com