Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS8579-ASST Datasheet(PDF) 10 Page - OSRAM GmbH

Part # AS8579-ASST
Description  Capacitive Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS8579-ASST Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button AS8579-ASST Datasheet HTML 6Page - OSRAM GmbH AS8579-ASST Datasheet HTML 7Page - OSRAM GmbH AS8579-ASST Datasheet HTML 8Page - OSRAM GmbH AS8579-ASST Datasheet HTML 9Page - OSRAM GmbH AS8579-ASST Datasheet HTML 10Page - OSRAM GmbH AS8579-ASST Datasheet HTML 11Page - OSRAM GmbH AS8579-ASST Datasheet HTML 12Page - OSRAM GmbH AS8579-ASST Datasheet HTML 13Page - OSRAM GmbH AS8579-ASST Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Document Feedback
AS8579
Electrical Characteristics
Datasheet
• PUBLIC
DS000707
• v4-01 • 2022-Jun-08
43
│ 9
5
Electrical Characteristics
All limits are guaranteed. The parameters with Min and Max values are guaranteed with production
tests or SQC (Statistical Quality Control) methods.
All in this datasheet defined tolerances for external components need to be assured over the whole
operation conditions range and also over lifetime.
Overall condition: TAMB = -40 °C to 125 °C, VDD = 4.8 V to 5.2 V; components specification; unless
otherwise noted
5.1
Operating Conditions
Figure 6:
Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
VDD
Static condition
4.8
5.0
5.2
V
VREG
Regulator
Voltage
3.0
3.45
3.6
V
IDD_1
Supply Current
Drivers enabled
50
mA
I_VL
Input Low
Voltage
CLK, CS, SCLK, MOSI
GND
0.3*VDD
V
I_VH
Input High
Voltage
CLK, CS, SCLK, MOSI
0.7*VDD
VDD
V
CLK_E
System CLK
Frequency
3
50
MHz
SCLK
SPI_CLK
Frequency
8
MHz
O_VL
Output Low
Voltage
MISO
GND
0.4
V
O_VH
Output High
Voltage
MISO
4.0
VDD
V
O_IOUT
Output Current
MISO
4
mA
O_PD
Pull-Down Value
DOUT
30
200
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com