Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS8579-ASST Datasheet(PDF) 9 Page - OSRAM GmbH

Part # AS8579-ASST
Description  Capacitive Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS8579-ASST Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button AS8579-ASST Datasheet HTML 5Page - OSRAM GmbH AS8579-ASST Datasheet HTML 6Page - OSRAM GmbH AS8579-ASST Datasheet HTML 7Page - OSRAM GmbH AS8579-ASST Datasheet HTML 8Page - OSRAM GmbH AS8579-ASST Datasheet HTML 9Page - OSRAM GmbH AS8579-ASST Datasheet HTML 10Page - OSRAM GmbH AS8579-ASST Datasheet HTML 11Page - OSRAM GmbH AS8579-ASST Datasheet HTML 12Page - OSRAM GmbH AS8579-ASST Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Document Feedback
AS8579
Absolute Maximum Ratings
Datasheet
• PUBLIC
DS000707
• v4-01 • 2022-Jun-08
43
│ 8
4
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only. Functional operation of the device at these or any other
conditions beyond those indicated under “Operating Conditions” is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Figure 5
Absolute Maximum Ratings of AS8579
Symbol
Parameter
Min
Max
Unit
Comments
Electrical Parameters
VDD
DC Supply Voltage at VDD
Pin
-0.3
7
V
Non operational
VDC_ON
DC Voltage at Digital IO Pins
-0.3
VDD+0.3
V
VDC_SEN
Sensor Analog Pins
(SENx, VAR_SEN)
-0.3
20
V
ISCR
Input Current (latch-up
immunity)
±100
mA
AEC-Q100-004
Electrostatic Discharge
ESD_HBM
Electrostatic Discharge HBM
±2
kV
AEC-Q100-002
ESD_MM
Electrostatic Discharge MM
±100
V
AEC-Q100-003
ESD_CDM
Electrostatic Discharge CDM
±500
V
AEC-Q100-011
±750 V on corner
pins only
Temperature Ranges and Storage Conditions
TAMB
Operating Ambient
Temperature
-40
125
°C
TSTRG
Storage Temperature Range
-55
150
°C
TBODY
Package Body Temperature
260
°C
IPC/JEDEC J-STD-
020(1)
RHNC
Relative Humidity (non-
condensing)
5
85
%
MSL
Moisture Sensitivity Level
3
Represents a
maximum floor life
time of 168 hours
(1)
The reflow peak soldering temperature (body temperature) is specified according to IPC/JEDEC J-STD-020
“Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount Devices.” The lead finish for
Pb-
free leaded packages is “Matte Tin” (100 % Sn)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com