Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS8579-ASST Datasheet(PDF) 16 Page - OSRAM GmbH

Part # AS8579-ASST
Description  Capacitive Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS8579-ASST Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button AS8579-ASST Datasheet HTML 12Page - OSRAM GmbH AS8579-ASST Datasheet HTML 13Page - OSRAM GmbH AS8579-ASST Datasheet HTML 14Page - OSRAM GmbH AS8579-ASST Datasheet HTML 15Page - OSRAM GmbH AS8579-ASST Datasheet HTML 16Page - OSRAM GmbH AS8579-ASST Datasheet HTML 17Page - OSRAM GmbH AS8579-ASST Datasheet HTML 18Page - OSRAM GmbH AS8579-ASST Datasheet HTML 19Page - OSRAM GmbH AS8579-ASST Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
Document Feedback
AS8579
Functional Description
Datasheet
• PUBLIC
DS000707
• v4-01 • 2022-Jun-08
43
│ 15
6.1.2
Safety Mechanism Explanation
For checking the thresholds and limits of the Safety Mechanism please refer to 5.4
SM1 Regulator Fail
The safety mechanism Regulator fail is monitoring the voltage on the Regulator.
The sensor provides an error flag REGF=1 in Status Register when the regulator voltage (VREG) is
lower than voltage threshold REGF_L or higher than voltage threshold REGF_H.
SM2 Filter Fail
The safety mechanism Filter fail is monitoring the voltage of the internal Band-pass filter.
The sensor provides an error flag BPFF =1 in Status Register when the input voltage of the internal
Band-pass filter is lower than voltage threshold BPFF_L or higher than voltage threshold BPFF_H.
SM3 Overcurrent on VAR SEN
The safety mechanism Overcurrent on VAR_SEN is monitoring output current of the VAR_SEN driver.
The sensor provides an error flag OCSLD=1in Status Register when the output current of driver higher
than current threshold OCSLDT.
SM4 Overcurrent on SEN
The safety mechanism Overcurrent on SEN is monitoring output current of the sensor driver.
The sensor provides an error flag OCSEN=1in Status Register when the output current of driver higher
than current threshold OCSENT.
SM5 Signature
A signature check is performed on all the OTP content after each OTP reset pulse, this happens also
at power on and after each EDIV update. In case of signature error and until the signature calculation
execution a diagnostic bit OTPF = 1 is latched in the SPI Status Register. The signature bits are
calculated based on the OTP content.
SM6 Out of Range (SEN Lines)
The safety mechanism Out of Range (SEN) is monitoring the voltage on the sensor driver output. The
voltage threshold limits are depending on the configured transmitter voltage (SD_ACx). The sensor
provides an error flag TX1F=1 in Status Register when the driver output voltage (SD_AC1) is lower
than voltage threshold TXF_Lx or higher than voltage threshold TXF_Hx.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com