| Electronic Components Datasheet Search |
|
AS8579-ASST Datasheet(PDF) 23 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS8579-ASST Datasheet(HTML) 23 Page - OSRAM GmbH |
|
23 / 44 page ![]() Document Feedback AS8579 Functional Description Datasheet • PUBLIC DS000707 • v4-01 • 2022-Jun-08 43 │ 22 ADC Functional Description For digitizing the I and Q values, a 10-bit ADC is used. Conversions are run using the internal system clock. The ADC can do different conversion modes. This can be set in the ADCTL register (0x2A/0x3A). (see 7.2.16) Single Conversion “Single Conversion” causes the ADC to wait for the “system settling time" before starting sampling and then to accumulate the number of samples, specified in the register ADCTL [5:4]. I and Q samples arrive interleaved. The DSP control logic will provide the analog part the signal IQMUX to switch the ADC analog input between I channel and Q channel. Once completed, I and Q results are moved to the SPI output registers and the “ADC_COMPLETE” bit in register 0x05 is set. Before another “Single Conversion” can be started, the ADC must be reset by either performing a Quick Read (0x90), or by issuing the “ADC Reset” command. Figure 18: Measuring Cycle Continuous Conversion “Continuous Conversion” mode causes the ADC to take successive samples accumulations of I and Q, again the number of samples taken is specified by ADCTL [5:4] register (0x2A/0x3A). The ADC is time multiplexed between the I and Q channels (I and Q samples are interleaved). Each data point stored to the SPI output register is the accumulation of a programmed number of 10-bit ADC values, for each I and Q. Data is stored to the SPI as a complete I and Q set (data synchronicity is guaranteed by the Control Logic). Set-up ADCGO Settling phase I and Q Sampling phase I Q I Q I Q I Q 400 ms 352 ms ADC_COMPLETE 50 ms ADC sampling period: Tsample=ADCLK*11 Sampling phase: TsampPH=Tsample*8 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |