Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIIX Datasheet(PDF) 22 Page - Intel Corporation

Part # PIIX
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX Datasheet(HTML) 22 Page - Intel Corporation

Back Button PIIX Datasheet HTML 18Page - Intel Corporation PIIX Datasheet HTML 19Page - Intel Corporation PIIX Datasheet HTML 20Page - Intel Corporation PIIX Datasheet HTML 21Page - Intel Corporation PIIX Datasheet HTML 22Page - Intel Corporation PIIX Datasheet HTML 23Page - Intel Corporation PIIX Datasheet HTML 24Page - Intel Corporation PIIX Datasheet HTML 25Page - Intel Corporation PIIX Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
22
2.0.
REGISTER DESCRIPTION
The 82371FB PIIX internal registers are organized into five groups—PCI Configuration Registers (function 0),
PCI Configuration Registers (function 1), ISA-Compatible Registers, PCI Bus Master IDE Registers, and
System Power Management Registers. These registers are discussed in this section.
The PIIX3 internal registers contain the same register sets as the PIIX plus two additional register sets for the
Universal Serial Bus (USB) function—PCI Configuration Registers (function 2) and the USB I/O Registers.
Some of the PIIX/PIIX3 registers contain reserved bits. Software must deal correctly with fields that are
reserved. On reads, software must use appropriate masks to extract the defined bits and not rely on reserved
bits being any particular value. On writes, software must ensure that the values of reserved bit positions are
preserved. That is, the values of reserved bit positions must first be read, merged with the new values for
other bit positions and then written back.
In addition to reserved bits within a register, the PIIX/PIIX3 contains address locations in the PCI
configuration space that are marked "Reserved". The PIIX/PIIX3 responds to accesses to these address
locations by completing the host cycle. Software should not write to reserved PIIX/PIIX3 configuration
locations in the device-specific region (above address offset 3Fh).
During a hard reset, the PIIX/PIIX3 sets its internal registers to predetermined default states. The default
values are indicated in the individual register descriptions.
The following notation is used to describe register access attributes:
RO
Read Only. If a register is read only, writes have no effect.
WO
Write Only. If a register is write only, reads have no effect.
R/W
Read/Write. A register with this attribute can be read and written. Note that individual bits in some
read/write registers may be read only.
R/WC
Read/Write Clear. A register bit with this attribute can be read and written. However, a write of a 1
clears (sets to 0) the corresponding bit and a write of a 0 has no effect.
2.1.
Register Access
Table 2, Table 3, and Table 4 show the I/O assignments for the PCI Configuration Registers (function 0, 1,
and 2). Table 5 shows the I/O assignments for the ISA Compatible Registers. Table 6 shows the I/O
assignments for the Bus Master IDE Interface registers. Table 7 shows the I/O assignments for the USB I/O
registers. PCI masters have access to all PIIX/PIIX3 internal registers. In addition, ISA masters have access
to some of the ISA-Compatible registers (see Table 5).
PCI Configuration Registers (functions 0, 1, and 2)
The 82371FB PIIX is a multi-function device on the PCI Bus implementing two functions—PCI-to-ISA Bridge
(function 0) and IDE Interface (function 1). These functions can be independently configured with two sets of
PCI configuration registers in compliance with the PCI Local Bus Specification, Revision 2.0. The two sets of
configuration registers are accessed by the CPU through a mechanism defined for multi-functional PCI
devices. The PIIX does not assert DEVSEL# for PCI configuration cycles that target functions 2 through 7.
The PIIX3 implements an additional PCI bus function
Universial Serial Bus Interface. The PIIX3 does not
assert DEVSEL# for PCI configuration cycles that target functions 3 through 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com