Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIZ Datasheet(PDF) 22 Page - Enpirion, Inc.

Part # NPIZ
Description  8A Synchronous Highly Integrated DC-DC PowerSoC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

NPIZ Datasheet(HTML) 22 Page - Enpirion, Inc.

Back Button NPIZ Datasheet HTML 16Page - Enpirion, Inc. NPIZ Datasheet HTML 17Page - Enpirion, Inc. NPIZ Datasheet HTML 18Page - Enpirion, Inc. NPIZ Datasheet HTML 19Page - Enpirion, Inc. NPIZ Datasheet HTML 20Page - Enpirion, Inc. NPIZ Datasheet HTML 21Page - Enpirion, Inc. NPIZ Datasheet HTML 22Page - Enpirion, Inc. NPIZ Datasheet HTML 23Page - Enpirion, Inc. NPIZ Datasheet HTML 24Page - Enpirion, Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
06489
April 16, 2012
Rev: C
©
Enpirion 2011 all rights reserved, E&OE
Design Considerations for Lead
Exposed Metal on Bottom of Package
Lead-frames offer many advantages in
overall foot print. However, they do require some special considerations.
In the assembly process lead frame construction requires that, for mechanical support, some of the lead
cantilevers be exposed at the point where wire
small pads being exposed on the bottom of the package, as shown in
Only the thermal pad and the perimeter pads are to be mechanically or e
The PCB top layer under the EN6360QI should be clear of any metal (copper pours, traces, or vias) except for
the thermal pad. The “shaded-out” area in
the top layer of the PCB. Any layer 1 metal under the
connections even if it is covered by soldermask.
The solder stencil aperture should be sma
causing bridging between adjacent pins or other exposed metal under the package. Please consult the
Enpirion Manufacturing Application Note for more details and recommendations.
Figure 11
Shaded area highlights exposed metal that is not to be mechanically or electrically connected to the PCB.
Enpirion Confidential
www
Design Considerations for Lead-Frame Based Modules
Exposed Metal on Bottom of Package
frames offer many advantages in thermal performance, in reduced electrical lead resistance, and in
overall foot print. However, they do require some special considerations.
In the assembly process lead frame construction requires that, for mechanical support, some of the lead
ilevers be exposed at the point where wire-bond or internal passives are attached. This results in several
small pads being exposed on the bottom of the package, as shown in Figure 11.
Only the thermal pad and the perimeter pads are to be mechanically or electrically connected to the PC board.
The PCB top layer under the EN6360QI should be clear of any metal (copper pours, traces, or vias) except for
out” area in Figure 11 represents the area that should be clear of any metal on
the top layer of the PCB. Any layer 1 metal under the shaded-out area runs the risk of undesirable shorted
connections even if it is covered by soldermask.
perture should be smaller than the PCB ground pad. This will prevent excess solder from
causing bridging between adjacent pins or other exposed metal under the package. Please consult the
Enpirion Manufacturing Application Note for more details and recommendations.
11: Lead-Frame exposed metal (Bottom View)
area highlights exposed metal that is not to be mechanically or electrically connected to the PCB.
EN6360QI
ww.enpirion.com, Page 22
thermal performance, in reduced electrical lead resistance, and in
In the assembly process lead frame construction requires that, for mechanical support, some of the lead-frame
bond or internal passives are attached. This results in several
lectrically connected to the PC board.
The PCB top layer under the EN6360QI should be clear of any metal (copper pours, traces, or vias) except for
represents the area that should be clear of any metal on
out area runs the risk of undesirable shorted
ller than the PCB ground pad. This will prevent excess solder from
causing bridging between adjacent pins or other exposed metal under the package. Please consult the
area highlights exposed metal that is not to be mechanically or electrically connected to the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com