Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIZ Datasheet(PDF) 3 Page - Enpirion, Inc.

Part # NPIZ
Description  8A Synchronous Highly Integrated DC-DC PowerSoC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

NPIZ Datasheet(HTML) 3 Page - Enpirion, Inc.

  NPIZ Datasheet HTML 1Page - Enpirion, Inc. NPIZ Datasheet HTML 2Page - Enpirion, Inc. NPIZ Datasheet HTML 3Page - Enpirion, Inc. NPIZ Datasheet HTML 4Page - Enpirion, Inc. NPIZ Datasheet HTML 5Page - Enpirion, Inc. NPIZ Datasheet HTML 6Page - Enpirion, Inc. NPIZ Datasheet HTML 7Page - Enpirion, Inc. NPIZ Datasheet HTML 8Page - Enpirion, Inc. NPIZ Datasheet HTML 9Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
06489
April 16, 2012
Rev: C
EN6360QI
©
Enpirion 2011 all rights reserved, E&OE
Enpirion Confidential
www.enpirion.com, Page 3
PIN
NAME
FUNCTION
26-27,
62-63
NC(SW)
NO CONNECT: These pins are internally connected to the common switching node of the
internal MOSFETs. They must be soldered to PCB but not be electrically connected to any
external signal, ground, or voltage. Failure to follow this guideline may result in device damage.
28-34
PGND
Input and output power ground. Connect these pins to the ground electrode of the input and
output filter capacitors. Refer to VOUT, PVIN descriptions and Layout Recommendation for
more details.
35-43
PVIN
Input power supply. Connect to input power supply and place input filter capacitor(s) between
these pins and PGND pins 32 to 34.
46
VDDB
Internal regulated voltage used for the internal control circuitry. Decouple with an optional
0.1µF capacitor to BGND for improved efficiency. This pin may be left floating if board space is
limited.
47
BGND
Ground for VDDB. Refer to pin 46 description.
48
S_IN
Digital input. A high level on the M/S pin will make this EN6360QI a Slave and the S_IN will
accept the S_OUT signal from another EN6360QI for parallel operation. A low level on the M/S
pin will make this device a Master and the switching frequency will be phase locked to an
external clock. Leave this pin floating if it is not used.
49
S_OUT
Digital output. A low level on the M/S pin will make this EN6360QI a Master and the internal
switching PWM signal is output on this pin. This output signal is connected to the S_IN pin of
another EN6360QI device for parallel operation. Leave this pin floating if it is not used.
50
POK
POK is a logic level high when VOUT is within -10% to +20% of the programmed output
voltage (0.9VOUT_NOM ≤ VOUT ≤ 1.2VOUT_NOM). This pin has an internal pull-up resistor to AVIN
with a nominal value of 120k .
51
ENABLE
Device enable pin. A high level or floating this pin enables the device while a low level disables
the device. A voltage ramp from another power converter may be applied for precision enable.
Refer to Power Up Sequencing
52
AVIN
Analog input voltage for the control circuits. Connect this pin to the input power supply (PVIN)
at a quiet point. Can also be connected to an auxiliary supply within a voltage range that is
sequencing.
53
AGND
The quiet ground for the control circuits. Connect to the ground plane with a via right next to the
pin.
54
M/S
Ternary (three states) input pin. Floating this pin disables parallel operation. A low level
configures the device as Master and a high level configures the device as a Slave. A REXT
resistor is recommended to pulling M/S high. Refer to Ternary Pin description in the Functional
Description section for REXT values. Also refer to S_IN and S_OUT pin descriptions.
55
VFB
This is the external feedback input pin. A resistor divider connects from the output to AGND.
The mid-point of the resistor divider is connected to VFB. A feed-forward capacitor (CA) and
resistor (R1) are required parallel to the upper feedback resistor (RA). The output voltage
regulation is based on the VFB node voltage equal to 0.600V. For Slave devices, leave VFB
floating.
56
EAOUT
Error amplifier output. Allows for customization of the control loop. May be left floating.
57
SS
A soft-start capacitor is connected between this pin and AGND. The value of the capacitor
controls the soft-start interval. Refer to Soft-Start in the Functional Description for more details.
58
VSENSE
This pin senses output voltage when the device is in pre-bias (or back-feed) mode. Connect
VSENSE to VOUT when EN_PB is high or floating. Leave floating when EN_PB is low.
60
FQADJ
Frequency adjust pin. This pin must have a resistor to AGND which sets the free running
frequency of the internal oscillator.
61
EN_PB
Enable pre-bias input. When this pin is pulled high, the device will support monotonic start-up
under a pre-biased load. VSENSE must be tied to VOUT for EN_PB to function. This pin is
pulled high internally. Enable pre-bias feature is not available for parallel operations.
69
PGND
Not a perimeter pin. Device thermal pad to be connected to the system GND plane for heat-
sinking purposes. Refer to Layout Recommendation section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com