Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIZ Datasheet(PDF) 12 Page - Enpirion, Inc.

Part # NPIZ
Description  8A Synchronous Highly Integrated DC-DC PowerSoC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

NPIZ Datasheet(HTML) 12 Page - Enpirion, Inc.

Back Button NPIZ Datasheet HTML 8Page - Enpirion, Inc. NPIZ Datasheet HTML 9Page - Enpirion, Inc. NPIZ Datasheet HTML 10Page - Enpirion, Inc. NPIZ Datasheet HTML 11Page - Enpirion, Inc. NPIZ Datasheet HTML 12Page - Enpirion, Inc. NPIZ Datasheet HTML 13Page - Enpirion, Inc. NPIZ Datasheet HTML 14Page - Enpirion, Inc. NPIZ Datasheet HTML 15Page - Enpirion, Inc. NPIZ Datasheet HTML 16Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
06489
April 16, 2012
Rev: C
EN6360QI
©
Enpirion 2011 all rights reserved, E&OE
Enpirion Confidential
www.enpirion.com, Page 12
Typical Performance Characteristics (Continued)
ENABLE
Enable/Disable with POK
CONDITIONS
VIN = 5V, VOUT = 1.0V
LOAD = 5A, Css = 15nF
VOUT
POK
LOAD
VOUT
(AC Coupled)
Load Transient from 0 to 8A
CONDITIONS
VIN = 6.2V
VOUT = 1.5V
CIN = 2 x 22µF (1206)
COUT = 2 x 47µF (1206)
LOAD
Parallel Operation SW Waveforms
CONDITIONS
VIN = 5V
VOUT = 1.8V
LOAD = 18A
COMBINED LOAD(18A)
MASTER VSW
SLAVE 2 VSW
SLAVE 1 VSW
Parallel Operation Current Sharing
CONDITIONS
VIN = 5V
VOUT = 1.8V
LOAD = 18A
SLAVE 1 LOAD = 6A
SLAVE 2 LOAD = 6A
TOTAL LOAD = 18A
MASTER LOAD = 6A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com