Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIZ Datasheet(PDF) 8 Page - Enpirion, Inc.

Part # NPIZ
Description  8A Synchronous Highly Integrated DC-DC PowerSoC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

NPIZ Datasheet(HTML) 8 Page - Enpirion, Inc.

Back Button NPIZ Datasheet HTML 4Page - Enpirion, Inc. NPIZ Datasheet HTML 5Page - Enpirion, Inc. NPIZ Datasheet HTML 6Page - Enpirion, Inc. NPIZ Datasheet HTML 7Page - Enpirion, Inc. NPIZ Datasheet HTML 8Page - Enpirion, Inc. NPIZ Datasheet HTML 9Page - Enpirion, Inc. NPIZ Datasheet HTML 10Page - Enpirion, Inc. NPIZ Datasheet HTML 11Page - Enpirion, Inc. NPIZ Datasheet HTML 12Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
06489
April 16, 2012
Rev: C
EN6360QI
©
Enpirion 2011 all rights reserved, E&OE
Enpirion Confidential
www.enpirion.com, Page 8
Typical Performance Curves (Continued)
0.980
0.985
0.990
0.995
1.000
1.005
1.010
1.015
1.020
0
1
2
3
4
5
6
7
8
OUTPUT CURRENT (A)
Output Voltage vs. Output Current
VOUT = 1.0V
CONDITIONS
VIN = 5.0V
1.780
1.785
1.790
1.795
1.800
1.805
1.810
1.815
1.820
2.4
3
3.6
4.2
4.8
5.4
6
6.6
INPUT VOLTAGE (V)
Output Voltage vs. Input Voltage
CONDITIONS
Load = 0A
1.780
1.785
1.790
1.795
1.800
1.805
1.810
1.815
1.820
2.4
3
3.6
4.2
4.8
5.4
6
6.6
INPUT VOLTAGE (V)
Output Voltage vs. Input Voltage
CONDITIONS
Load = 4A
1.780
1.785
1.790
1.795
1.800
1.805
1.810
1.815
1.820
2.4
3
3.6
4.2
4.8
5.4
6
6.6
INPUT VOLTAGE (V)
Output Voltage vs. Input Voltage
CONDITIONS
Load = 8A
1.794
1.795
1.796
1.797
1.798
1.799
1.800
1.801
1.802
-40
-15
10
35
60
85
AMBIENT TEMPERATURE ( C)
Output Voltage vs. Temperature
LOAD = 0A
LOAD = 2A
LOAD = 4A
LOAD = 6A
LOAD = 8A
CONDITIONS
VIN = 6.6V
VOUT_NOM = 1.8V
1.794
1.795
1.796
1.797
1.798
1.799
1.800
1.801
1.802
-40
-15
10
35
60
85
AMBIENT TEMPERATURE ( C)
Output Voltage vs. Temperature
LOAD = 0A
LOAD = 2A
LOAD = 4A
LOAD = 6A
LOAD = 8A
CONDITIONS
VIN = 5V
VOUT_NOM = 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com