Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIZ Datasheet(PDF) 11 Page - Enpirion, Inc.

Part # NPIZ
Description  8A Synchronous Highly Integrated DC-DC PowerSoC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

NPIZ Datasheet(HTML) 11 Page - Enpirion, Inc.

Back Button NPIZ Datasheet HTML 7Page - Enpirion, Inc. NPIZ Datasheet HTML 8Page - Enpirion, Inc. NPIZ Datasheet HTML 9Page - Enpirion, Inc. NPIZ Datasheet HTML 10Page - Enpirion, Inc. NPIZ Datasheet HTML 11Page - Enpirion, Inc. NPIZ Datasheet HTML 12Page - Enpirion, Inc. NPIZ Datasheet HTML 13Page - Enpirion, Inc. NPIZ Datasheet HTML 14Page - Enpirion, Inc. NPIZ Datasheet HTML 15Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
06489
April 16, 2012
Rev: C
EN6360QI
©
Enpirion 2011 all rights reserved, E&OE
Enpirion Confidential
www.enpirion.com, Page 11
Typical Performance Characteristics
VOUT
(AC Coupled)
Output Ripple at 20MHz Bandwidth
CONDITIONS
VIN = 5V
VOUT = 1V
IOUT = 8A
CIN = 2 x 22µF (1206)
COUT = 2 x 47 µF (1206)
VOUT
(AC Coupled)
Output Ripple at 500MHz Bandwidth
CONDITIONS
VIN = 5V
VOUT = 1V
IOUT = 8A
CIN = 2 x 22µF (1206)
COUT = 2 x 47 µF (1206)
VOUT
(AC Coupled)
Output Ripple at 20MHz Bandwidth
CONDITIONS
VIN = 5V
VOUT = 2.4V
IOUT = 8A
CIN = 2 x 22µF (1206)
COUT = 2 x 47 µF (1206)
VOUT
(AC Coupled)
Output Ripple at 500MHz Bandwidth
CONDITIONS
VIN = 5V
VOUT = 2.4V
IOUT = 8A
CIN = 2 x 22µF (1206)
COUT = 2 x 47 µF (1206)
ENABLE
Enable Power Up/Down
CONDITIONS
VIN = 5V
VOUT = 1.0V
IOUT = 8A
Css = 15nF
CIN = 2 x 22µF (1206)
COUT = 2 x 47 µF (1206)
VOUT
ENABLE
Enable Power Up/Down
CONDITIONS
VIN = 5V
VOUT = 2.4V
IOUT = 8A
Css = 15nF
CIN = 2 x 22µF (1206)
COUT = 2 x 47 µF (1206)
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com