Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIZ Datasheet(PDF) 16 Page - Enpirion, Inc.

Part # NPIZ
Description  8A Synchronous Highly Integrated DC-DC PowerSoC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

NPIZ Datasheet(HTML) 16 Page - Enpirion, Inc.

Back Button NPIZ Datasheet HTML 12Page - Enpirion, Inc. NPIZ Datasheet HTML 13Page - Enpirion, Inc. NPIZ Datasheet HTML 14Page - Enpirion, Inc. NPIZ Datasheet HTML 15Page - Enpirion, Inc. NPIZ Datasheet HTML 16Page - Enpirion, Inc. NPIZ Datasheet HTML 17Page - Enpirion, Inc. NPIZ Datasheet HTML 18Page - Enpirion, Inc. NPIZ Datasheet HTML 19Page - Enpirion, Inc. NPIZ Datasheet HTML 20Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
06489
April 16, 2012
Rev: C
EN6360QI
©
Enpirion 2011 all rights reserved, E&OE
Enpirion Confidential
www.enpirion.com, Page 16
the current flowing through a sense P-FET. When
the sensed current exceeds the current limit, both
power FETs are turned off for the rest of the
switching cycle. If the over-current condition is
removed, the over-current protection circuit will re-
enable PWM operation. If the over-current condition
persists, the circuit will continue to protect the load.
The OCP trip point is nominally set as specified in
the Electrical Characteristics table. In the event the
OCP circuit trips consistently in normal operation,
the device enters a hiccup mode. The device is
disabled for 27µs and restarted with a normal soft-
start. This cycle can continue indefinitely as long as
the over current condition persists.
Thermal Overload Protection
Temperature sensing circuits in the controller will
disable operation when the junction temperature
exceeds approximately 150ºC. Once the junction
temperature drops by approx 20ºC, the converter
will re-start with a normal soft-start.
Input Under-Voltage Lock-Out
When the input voltage is below a required voltage
level (VUVHI) for normal operation, the converter
switching is inhibited. The lock-out threshold has
hysteresis to prevent chatter. Thus when the device
is operating normally, the input voltage has to fall
below the lower threshold (VUVLO) for the device to
stop switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com