Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIZ Datasheet(PDF) 6 Page - Enpirion, Inc.

Part # NPIZ
Description  8A Synchronous Highly Integrated DC-DC PowerSoC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

NPIZ Datasheet(HTML) 6 Page - Enpirion, Inc.

Back Button NPIZ Datasheet HTML 2Page - Enpirion, Inc. NPIZ Datasheet HTML 3Page - Enpirion, Inc. NPIZ Datasheet HTML 4Page - Enpirion, Inc. NPIZ Datasheet HTML 5Page - Enpirion, Inc. NPIZ Datasheet HTML 6Page - Enpirion, Inc. NPIZ Datasheet HTML 7Page - Enpirion, Inc. NPIZ Datasheet HTML 8Page - Enpirion, Inc. NPIZ Datasheet HTML 9Page - Enpirion, Inc. NPIZ Datasheet HTML 10Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
06489
April 16, 2012
Rev: C
EN6360QI
©
Enpirion 2011 all rights reserved, E&OE
Enpirion Confidential
www.enpirion.com, Page 6
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POK Deglitch Delay
Falling Edge Deglitch Delay After
Output Crossing 90% level.
FSW=1.2 MHz
213
µs
VPOK Logic Low level
With 4mA Current Sink into POK Pin
0.4
V
VPOK Logic high level
VIN
V
POK Internal pull-up
resistor
94
kΩ
Current Balance
∆
IOUT
With 2 to 4 Converters in Parallel,
the Difference Between Nominal
and Actual Current Levels.
∆
VIN<50mV; RTRACE< 10 mΩ,
Iload= # Converter * IMAX
+/-10
%
VOUT Rise Time
Accuracy
∆
TRISE
(Note 4)
tRISE [ms] = CSS [nF] x 0.065;
10nF ≤ CSS ≤ 30nF;
(Note 5 and Note 6)
-25
+25
%
ENABLE Logic High
VENABLE_HIGH
2.5V ≤ VIN ≤ 6.6V;
1.2
VIN
V
ENABLE Logic Low
VENABLE_LOW
0
0.8
V
ENABLE Pin Current
IEN
VIN = 6.6V
50
µ
A
M/S Ternary Pin Logic
Low
VT-LOW
Tie M/S Pin to GND
0
0.7
V
M/S Ternary Pin Logic
Float
VT-FLOAT
M/S Pin is Open
1.1
1.4
V
M/S Ternary Pin Logic
Hi (Note 7)
VT-HIGH
Pull Up to VIN through an external
resistor REXT . Refer to Figure 7.
1.8
V
Ternary Pin Input
Current
ITERN
2.5V ≤ VIN ≤ 4V, REXT = 15k
Ω
4V < VIN ≤ 6.6V, REXT = 51k
Ω
117
88
µ
A
Binary Pin Logic Low
Threshold
VB-LOW
ENABLE, S_IN
0.8
V
Binary Pin Logic High
Threshold
VB-HIGH
ENABLE, S_IN
1.8
V
S_OUT Low Level
VS_OUT_LOW
0.4
V
S_OUT High Level
VS_OUT_HIGH
2.0
V
Note 3: POK threshold when VOUT is rising is nominally 92%. This threshold is 90% when VOUT is falling. After crossing
the 90% level, there is a 256 clock cycle (~213µs at 1.2 MHz) delay before POK is de-asserted. The 90% and 92% levels
are nominal values. Expect these thresholds to vary by ±3%.
Note 4: Parameter not production tested but is guaranteed by design.
Note 5: Rise time calculation begins when AVIN > VUVLO and ENABLE = HIGH.
Note 6: VOUT Rise Time Accuracy does not include soft-start capacitor tolerance..
Note 7: M/S pin is ternary. Ternary pins have three logic levels: high, float, and low. This pin is meant to be strapped to
VIN through an external resistor, strapped to GND, or left floating. The state cannot be changed while the device is on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com