Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIZ Datasheet(PDF) 21 Page - Enpirion, Inc.

Part # NPIZ
Description  8A Synchronous Highly Integrated DC-DC PowerSoC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

NPIZ Datasheet(HTML) 21 Page - Enpirion, Inc.

Back Button NPIZ Datasheet HTML 16Page - Enpirion, Inc. NPIZ Datasheet HTML 17Page - Enpirion, Inc. NPIZ Datasheet HTML 18Page - Enpirion, Inc. NPIZ Datasheet HTML 19Page - Enpirion, Inc. NPIZ Datasheet HTML 20Page - Enpirion, Inc. NPIZ Datasheet HTML 21Page - Enpirion, Inc. NPIZ Datasheet HTML 22Page - Enpirion, Inc. NPIZ Datasheet HTML 23Page - Enpirion, Inc. NPIZ Datasheet HTML 24Page - Enpirion, Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
06489
April 16, 2012
Rev: C
EN6360QI
©
Enpirion 2011 all rights reserved, E&OE
Enpirion Confidential
www.enpirion.com, Page 21
Layout Recommendation
Figure 10: Top Layout with Critical Components Only
(Top View). See Figure 9 for corresponding schematic.
This layout only shows the critical components and
top layer traces for minimum footprint in single-
supply mode with ENABLE tied to AVIN. Alternate
circuit configurations & other low-power pins need
to be connected and routed according to customer
application.
Please
see
the
Gerber
files
at
www.enpirion.com for details on all layers.
Recommendation 1:
Input and output filter
capacitors should be placed on the same side of
the PCB, and as close to the EN6360QI package
as possible. They should be connected to the
device with very short and wide traces. Do not use
thermal reliefs or spokes when connecting the
capacitor pads to the respective nodes. The +V and
GND traces between the capacitors and the
EN6360QI should be as close to each other as
possible so that the gap between the two nodes is
minimized, even under the capacitors.
Recommendation 2:
The PGND connections for
the input and output capacitors on layer 1 need to
have a slit between them in order to provide some
separation between input and output current loops.
Recommendation 3:
The system ground plane
should be the first layer immediately below the
surface layer. This ground plane should be
continuous and un-interrupted below the converter
and the input/output capacitors.
Recommendation 4
: The thermal pad underneath
the component must be connected to the system
ground plane through as many vias as possible.
The drill diameter of the vias should be 0.33mm,
and the vias must have at least 1 oz. copper plating
on the inside wall, making the finished hole size
around 0.20-0.26mm. Do not use thermal reliefs or
spokes to connect the vias to the ground plane.
This
connection
provides
the
path
for
heat
dissipation from the converter.
Recommendation 5
: Multiple small vias (the same
size
as
the
thermal
vias
discussed
in
recommendation 4) should be used to connect
ground terminal of the input capacitor and output
capacitors to the system ground plane. It is
preferred to put these vias along the edge of the
GND copper closest to the +V copper. These vias
connect the input/output filter capacitors to the
GND plane, and help reduce parasitic inductances
in the input and output current loops.
Recommendation 6
: AVIN is the power supply for
the small-signal control circuits. It should be
connected to the input voltage at a quiet point. In
Figure 10 this connection is made at the input
capacitor.
Recommendation 7
: The layer 1 metal under the
device must not be more than shown in Figure 10.
Refer to the section regarding Exposed Metal on
Bottom of Package. As with any switch-mode
DC/DC converter, try not to run sensitive signal or
control lines underneath the converter package on
other layers.
Recommendation 8:
The VOUT sense point should
be just after the last output filter capacitor. Keep the
sense trace short in order to avoid noise coupling
into the node.
Recommendation 9
: Keep RA, CA, RB, and R1
close to the VFB pin (Refer to Figure 10). The VFB
pin is a high-impedance, sensitive node. Keep the
trace to this pin as short as possible. Whenever
possible, connect RB directly to the AGND pin
instead of going through the GND plane.
Recommendation
10
:
Follow
all
the
layout
recommendations as close as possible to optimize
performance. Enpirion provides schematic and
layout reviews for all customer designs. Please
contact local Sales Representatives for references
to Enpirion Applications Engineering support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com