Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIZ Datasheet(PDF) 17 Page - Enpirion, Inc.

Part # NPIZ
Description  8A Synchronous Highly Integrated DC-DC PowerSoC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

NPIZ Datasheet(HTML) 17 Page - Enpirion, Inc.

Back Button NPIZ Datasheet HTML 13Page - Enpirion, Inc. NPIZ Datasheet HTML 14Page - Enpirion, Inc. NPIZ Datasheet HTML 15Page - Enpirion, Inc. NPIZ Datasheet HTML 16Page - Enpirion, Inc. NPIZ Datasheet HTML 17Page - Enpirion, Inc. NPIZ Datasheet HTML 18Page - Enpirion, Inc. NPIZ Datasheet HTML 19Page - Enpirion, Inc. NPIZ Datasheet HTML 20Page - Enpirion, Inc. NPIZ Datasheet HTML 21Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
06489
April 16, 2012
Rev: C
EN6360QI
©
Enpirion 2011 all rights reserved, E&OE
Enpirion Confidential
www.enpirion.com, Page 17
Application Information
Output Voltage Programming and loop
Compensation
The EN6360QI output voltage is programmed using
a simple resistor divider network. A phase lead
capacitor plus a resistor are required for stabilizing
the loop. Figure 6 shows the required components
and the equations to calculate their values.
The EN6360QI output voltage is determined by the
voltage presented at the VFB pin. This voltage is
set by way of a resistor divider between VOUT and
AGND with the midpoint going to VFB.
The EN6360QI uses a type IV compensation
network. Most of this network is integrated.
However, a phase lead capacitor and a resistor are
required in parallel with upper resistor of the
external feedback network (Refer to Figure 6). Total
compensation is optimized for use with two 47µF
output capacitance and will result in a wide loop
bandwidth and excellent load transient performance
for most applications. Additional capacitance may
be placed beyond the voltage sensing point outside
the control loop. Voltage mode operation provides
high noise immunity at light load. Furthermore,
voltage mode control provides superior impedance
matching
to
ICs
processed
in
sub
90nm
technologies.
In some cases modifications to the compensation
or output capacitance may be required to optimize
device performance such as transient response,
ripple, or hold-up time. The EN6360QI provides the
capability to modify the control loop response to
allow for customization for such applications. For
more information, contact Enpirion Applications
Engineering support.
Figure 6: External Feedback/Compensation Network
The feedback and compensation network values
depend on the input voltage and output voltage.
Calculate the external feedback and compensation
network values with the equations below.
RA [ ] = 48,400 x VIN [V]
*Round RA up to closest standard value
RB[ ] = (VFB x RA) / (VOUT – VFB) [V]
VFB = 0.6V nominal
*Round RB to closest standard value
CA [F] = 3.83 x 10
-6 / R
A [
]
*Round CA down to closest standard value
R1 = 15k
The feedback resistor network should be sensed at
the last output capacitor close to the device. Keep
the trace to VFB pin as short as possible.
Whenever possible, connect RB directly to the
AGND pin instead of going through the GND plane.
Input Capacitor Selection
The EN6360QI has been optimized for use with two
1206 22µF input capacitors. Low ESR ceramic
capacitors are required with X5R or X7R dielectric
formulation.
Y5V
or
equivalent
dielectric
formulations must not be used as these lose
capacitance with frequency, temperature and bias
voltage.
In
some
applications,
lower
value
ceramic
capacitors may be needed in parallel with the larger
capacitors in order to provide high frequency
decoupling. The capacitors shown in the table
below are typical input capacitors. Other capacitors
with similar characteristics may also be used.
Table 3: Recommended Input Capacitors
Description
MFG
P/N
22µF, 10V, 20%
X5R, 1206
(2 capacitors needed)
Murata
GRM31CR61A226ME19L
Taiyo Yuden
LMK316BJ226ML-T
Output Capacitor Selection
The EN6360QI has been optimized for use with two
1206 47µF output capacitors. Low ESR, X5R or
X7R ceramic capacitors are recommended as the
primary
choice.
Y5V
or
equivalent
dielectric
formulations must not be used as these lose
capacitance with frequency, temperature and bias
voltage.
The
capacitors
shown
in
the
Recommended Output Capacitors table are typical
output capacitors. Other capacitors with similar
characteristics may also be used. Additional bulk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com