Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIZ Datasheet(PDF) 2 Page - Enpirion, Inc.

Part # NPIZ
Description  8A Synchronous Highly Integrated DC-DC PowerSoC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

NPIZ Datasheet(HTML) 2 Page - Enpirion, Inc.

  NPIZ Datasheet HTML 1Page - Enpirion, Inc. NPIZ Datasheet HTML 2Page - Enpirion, Inc. NPIZ Datasheet HTML 3Page - Enpirion, Inc. NPIZ Datasheet HTML 4Page - Enpirion, Inc. NPIZ Datasheet HTML 5Page - Enpirion, Inc. NPIZ Datasheet HTML 6Page - Enpirion, Inc. NPIZ Datasheet HTML 7Page - Enpirion, Inc. NPIZ Datasheet HTML 8Page - Enpirion, Inc. NPIZ Datasheet HTML 9Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
06489
April 16, 2012
Rev: C
EN6360QI
©
Enpirion 2011 all rights reserved, E&OE
Enpirion Confidential
www.enpirion.com, Page 2
Ordering Information
Part Number
Package Markings
Temp Rating (°C)
Package Description
EN6360QI
EN6360QI
-40 to +85
68-pin (8mm x 11mm x 3mm) QFN T&R
EN6360QI-E
EN6360QI
QFN Evaluation Board
Packing and Marking Information: http://www.enpirion.com/resource-center-packing-and-marking-information.htm
Pin Assignments (Top View)
NC
1
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
2
3
4
5
6
7
8
9
PVIN
PVIN
PVIN
PVIN
PVIN
PVIN
PVIN
PVIN
PVIN
VDDB
NC
BGND
NC
S_IN
10
11
12
13
14
48
47
46
45
44
43
42
41
40
39
38
37
36
35
69
PGND
KEEP OUT
KEEP OUT
Figure 3: Pin Out Diagram (Top View)
NOTE A: NC pins are not to be electrically connected to each other or to any external signal, ground, or voltage.
However, they must be soldered to the PCB. Failure to follow this guideline may result in part malfunction or damage.
NOTE B: Shaded area highlights exposed metal below the package that is not to be mechanically or electrically
connected to the PCB. Refer to Figure 11 for details.
NOTE C: White ‘dot’ on top left is pin 1 indicator on top of the device package.
Pin Description
PIN
NAME
FUNCTION
1-15, 25,
44-45,
59, 64-68
NC
NO CONNECT: These pins must be soldered to PCB but not electrically connected to each
other or to any external signal, voltage, or ground. These pins may be connected internally.
Failure to follow this guideline may result in device damage.
16-24
VOUT
Regulated converter output. Connect to the load and place output filter capacitor(s) between
these pins and PGND pins 28 to 31.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com