Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIZ Datasheet(PDF) 10 Page - Enpirion, Inc.

Part # NPIZ
Description  8A Synchronous Highly Integrated DC-DC PowerSoC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

NPIZ Datasheet(HTML) 10 Page - Enpirion, Inc.

Back Button NPIZ Datasheet HTML 6Page - Enpirion, Inc. NPIZ Datasheet HTML 7Page - Enpirion, Inc. NPIZ Datasheet HTML 8Page - Enpirion, Inc. NPIZ Datasheet HTML 9Page - Enpirion, Inc. NPIZ Datasheet HTML 10Page - Enpirion, Inc. NPIZ Datasheet HTML 11Page - Enpirion, Inc. NPIZ Datasheet HTML 12Page - Enpirion, Inc. NPIZ Datasheet HTML 13Page - Enpirion, Inc. NPIZ Datasheet HTML 14Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
06489
April 16, 2012
Rev: C
EN6360QI
©
Enpirion 2011 all rights reserved, E&OE
Enpirion Confidential
www.enpirion.com, Page 10
Typical Parallel Performance Curves
0
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8
10
12
14
16
OUTPUT CURRENT (A)
Parallel Efficiency
vs. Output Current
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.2V
VOUT = 1.0V
CONDITIONS
VIN = 3.3V
2x EN6360QI
0
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8
10
12
14
16
OUTPUT CURRENT (A)
Parallel Efficiency
vs. Output Current
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.2V
VOUT = 1.0V
CONDITIONS
VIN = 5.0V
2x EN6360QI
-5
-4
-3
-2
-1
0
1
2
3
4
5
2
4
6
8
10
12
14
16
OUTPUT CURRENT (A)
Parallel Current Share Mis-Match
Mis-match (%) = (I_Master - I_Slave ) / I_Average x 100
CONDITIONS
EN6360QI
VIN = 5V
VOUT = 3.3V
0
1
2
3
4
5
6
7
8
9
10
2
4
6
8
10
12
14
16
TOTAL OUTPUT CURRENT (A)
Parallel Current Share Breakdown
Master Device
Slave Device
CONDITIONS
EN6360QI
VIN = 5V
VOUT = 3.3V
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
0
2
4
6
8
10
12
14
16
OUTPUT CURRENT (A)
Parallel Output Voltage
vs. Output Current
VOUT = 3.3V
CONDITIONS
VIN = 5.0V
2x EN6360QI
0.9
0.92
0.94
0.96
0.98
1
1.02
1.04
1.06
1.08
1.1
0
2
4
6
8
10
12
14
16
OUTPUT CURRENT (A)
Parallel Output Voltage
vs. Output Current
VOUT = 1.0V
CONDITIONS
VIN = 3.3V
2x EN6360QI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com