Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIZ Datasheet(PDF) 4 Page - Enpirion, Inc.

Part # NPIZ
Description  8A Synchronous Highly Integrated DC-DC PowerSoC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

NPIZ Datasheet(HTML) 4 Page - Enpirion, Inc.

  NPIZ Datasheet HTML 1Page - Enpirion, Inc. NPIZ Datasheet HTML 2Page - Enpirion, Inc. NPIZ Datasheet HTML 3Page - Enpirion, Inc. NPIZ Datasheet HTML 4Page - Enpirion, Inc. NPIZ Datasheet HTML 5Page - Enpirion, Inc. NPIZ Datasheet HTML 6Page - Enpirion, Inc. NPIZ Datasheet HTML 7Page - Enpirion, Inc. NPIZ Datasheet HTML 8Page - Enpirion, Inc. NPIZ Datasheet HTML 9Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
06489
April 16, 2012
Rev: C
EN6360QI
©
Enpirion 2011 all rights reserved, E&OE
Enpirion Confidential
www.enpirion.com, Page 4
Absolute Maximum Ratings
CAUTION: Absolute Maximum ratings are stress ratings only. Functional operation beyond the recommended operating
conditions is not implied. Stress beyond the absolute maximum ratings may impair device life. Exposure to absolute
maximum rated conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
MIN
MAX
UNITS
Voltages on : PVIN, AVIN, VOUT
-0.3
7.0
V
Voltages on: EN, POK, M/S
-0.3
VIN+0.3
V
Voltages on: VFB, EXTREF, EAOUT, SS, S_IN, S_OUT, FQADJ
-0.3
2.5
V
Storage Temperature Range
TSTG
-65
150
°C
Maximum Operating Junction Temperature
TJ-ABS Max
150
°C
Reflow Temp, 10 Sec, MSL3 JEDEC J-STD-020A
260
°C
ESD Rating (based on Human Body Model)
2000
V
ESD Rating (based on CDM)
500
V
Recommended Operating Conditions
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Voltage Range
VIN
2.5
6.6
V
Output Voltage Range (Note 1)
VOUT
0.60
VIN – VDO
V
Output Current
IOUT
8
A
Operating Ambient Temperature
TA
-40
+85
°C
Operating Junction Temperature
TJ
-40
+125
°C
Thermal Characteristics
PARAMETER
SYMBOL
TYP
UNITS
Thermal Resistance: Junction to Ambient (0 LFM) (Note 2)
θJA
15
°C/W
Thermal Resistance: Junction to Case (0 LFM)
θJC
1.0
°C/W
Thermal Shutdown
TSD
150
°C
Thermal Shutdown Hysteresis
TSDH
20
°C
Note 1: VDO (dropout voltage) is defined as (ILOAD x Dropout Resistance). Please refer to Electrical Characteristics Table.
Note 2: Based on 2oz. external copper layers and proper thermal design in line with EIJ/JEDEC JESD51-7 standard for
high thermal conductivity boards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com