Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIZ Datasheet(PDF) 18 Page - Enpirion, Inc.

Part # NPIZ
Description  8A Synchronous Highly Integrated DC-DC PowerSoC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

NPIZ Datasheet(HTML) 18 Page - Enpirion, Inc.

Back Button NPIZ Datasheet HTML 14Page - Enpirion, Inc. NPIZ Datasheet HTML 15Page - Enpirion, Inc. NPIZ Datasheet HTML 16Page - Enpirion, Inc. NPIZ Datasheet HTML 17Page - Enpirion, Inc. NPIZ Datasheet HTML 18Page - Enpirion, Inc. NPIZ Datasheet HTML 19Page - Enpirion, Inc. NPIZ Datasheet HTML 20Page - Enpirion, Inc. NPIZ Datasheet HTML 21Page - Enpirion, Inc. NPIZ Datasheet HTML 22Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
06489
April 16, 2012
Rev: C
EN6360QI
©
Enpirion 2011 all rights reserved, E&OE
Enpirion Confidential
www.enpirion.com, Page 18
capacitance from 100µF to 1000µF may be placed
beyond the voltage sensing point outside the
control loop. This additional capacitance should
have a minimum ESR of 6m
to ensure stable
operation. Most tantalum capacitors will have more
than 6m
of ESR and may be used without special
care. Adding distance in layout may help increase
the ESR between the feedback sense point and the
bulk capacitors.
Table 4: Recommended Output Capacitors
Description
MFG
P/N
47µF, 10V, 20%
X5R, 1206
(2 capacitors needed)
Taiyo Yuden
LMK316BJ476ML-T
47µF, 6.3V, 20%
X5R, 1206
(2 capacitors needed)
Murata
GRM31CR60J476ME19L
Taiyo Yuden
JMK316BJ476ML-T
10µF, 6.3V, 10%
X7R, 0805
(Optional 1 capacitor in
parallel with 2x47µF)
Murata
GRM21BR70J106KE76L
Taiyo Yuden
JMK212B7106KG-T
Output ripple voltage is primarily determined by the
aggregate output capacitor impedance. Placing
multiple
capacitors
in
parallel
reduces
the
impedance and hence will result in lower ripple
voltage.
n
Total
Z
Z
Z
Z
1
...
1
1
1
2
1
+
+
+
=
Table 5: Typical Ripple Voltages
Output Capacitor
Configuration
Typical Output Ripple (mVp-p)
2 x 47 µF
<10mV
† 20 MHz bandwidth limit measured on Evaluation Board
M/S - Ternary Pin
M/S is a ternary pin. This pin can assume 3 states
– A low state (0V to 0.7V), a high state (1.8V to
VIN) and a float state (1.1V to 1.4V). Device
operation is controlled by the state of the pin. The
pins may be pulled to ground or left floating without
any special care. When pulling high to VIN, a series
resistor is recommended. The resistor value may
be optimized to reduce the current drawn by the
pin. The resistance should not be too high as in that
case the pin may not recognize the high state. The
recommend resistance (REXT) value is given in the
following table.
Table 5: Recommended REXT Resistor
VIN (V)
IMAX (µA)
REXT (k )
2.5 – 4.0
117
15
4.0 – 6.6
88
51
Figure 7:
Selection of REXT to Connect M/S pin to VIN
Table 6: M/S (Master/Slave) Pin States
M/S Pin
Function
Low
(0V to 0.7V)
M/S pin is pulled to ground directly. This is
the Master mode. Switching PWM phase
will lock onto S_IN external clock if a signal
is available. S_OUT outputs a version of
the internal switching PWM signal.
Float
(1.1V to 1.4V)
M/S pin is left floating. Parallel operation is
not feasible. Switching PWM phase will
lock onto S_IN external clock if a signal is
available. S_OUT outputs a version of the
internal switching PWM signal.
High
(>1.8V)
M/S pin is pulled to VIN with REXT. This is
the Slave mode. The S_IN signal of the
Slave should connect to the S_OUT of the
Master device. This signal synchronizes
the switching frequency and duty cycle of
the Master to the Slave device.
Power-Up Sequencing
During power-up, ENABLE should not be asserted
before PVIN, and PVIN should not be asserted
before AVIN. Tying all three pins together meets
these requirements.
Technical Suport
Contact Enpirion Applications for additional support
regarding
the
use
of
this
product
(techsupport@enpirion.com).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com