Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIZ Datasheet(PDF) 1 Page - Enpirion, Inc.

Part # NPIZ
Description  8A Synchronous Highly Integrated DC-DC PowerSoC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

NPIZ Datasheet(HTML) 1 Page - Enpirion, Inc.

  NPIZ Datasheet HTML 1Page - Enpirion, Inc. NPIZ Datasheet HTML 2Page - Enpirion, Inc. NPIZ Datasheet HTML 3Page - Enpirion, Inc. NPIZ Datasheet HTML 4Page - Enpirion, Inc. NPIZ Datasheet HTML 5Page - Enpirion, Inc. NPIZ Datasheet HTML 6Page - Enpirion, Inc. NPIZ Datasheet HTML 7Page - Enpirion, Inc. NPIZ Datasheet HTML 8Page - Enpirion, Inc. NPIZ Datasheet HTML 9Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
06489
April 16, 2012
Rev: C
EN6360QI
8A Synchronous Highly Integrated DC-DC
PowerSoC
www.enpirion.com
Description
The EN6360QI is a Power System on a Chip
(PowerSoC) DC to DC converter with an integrated
inductor,
PWM
controller,
MOSFETs
and
compensation to provide the smallest solution size in
an 8x11x3mm 68 pin QFN module. It offers high
efficiency, excellent line and load regulation over
temperature and up to the full 8A load range. The
EN6360QI is specifically designed to meet the
precise voltage and fast transient requirements of
high-performance, low-power processor, DSP, FPGA,
memory boards and system level applications in
distributed
power
architecture.
The
EN6360QI
features switching frequency synchronization with an
external clock or other EN6360QIs for parallel
operation. Other features include precision enable
threshold,
pre-bias
monotonic
start-up,
and
programmable soft-start. The device’s advanced
circuit techniques, ultra high switching frequency, and
proprietary integrated inductor technology deliver
high-quality, ultra compact, non-isolated DC-DC
conversion.
The Enpirion integrated inductor solution significantly
helps to reduce noise. The complete power converter
solution enhances productivity by offering greatly
simplified board design, layout and manufacturing
requirements.
All
Enpirion
products
are
RoHS
compliant and lead-free manufacturing environment
compatible.
Features
•
High Efficiency (Up to 96%)
•
Excellent Ripple and EMI Performance
•
Up to 8A Continuous Operating Current
•
Input Voltage Range (2.5V to 6.6V)
•
Frequency Synchronization (Clock or Primary)
•
2% VOUT Accuracy (Over Line/Load/Temperature)
•
Optimized Total Solution Size (190mm
2)
•
Precision Enable Threshold for Sequencing
•
Programmable Soft-Start
•
Master/Slave Configuration for Parallel Operation
•
Thermal Shutdown, Over-Current, Short Circuit,
and Under-Voltage Protection
•
RoHS Compliant, MSL Level 3, 260°C Reflow
Applications
•
Point of Load Regulation for Low-Power, ASICs
Multi-Core and Communication Processors, DSPs,
FPGAs and Distributed Power Architectures
•
Blade Servers, RAID Storage and LAN/SAN
Adapter Cards, Wireless Base Stations, Industrial
Automation, Test and Measurement, Embedded
Computing, and Printers
•
High Efficiency 12V Intermediate Bus Architectures
•
Beat Frequency/Noise Sensitive Applications
VOUT
VIN
2x
22 F
1206
VOUT
ENABLE
AGND
SS
PVIN
AVIN
PGND
PGND
EN6360QI
15nF
VFB
RA
RB
R1
CA
FQADJ
2x
F
1206
RFQADJ
Figure 1. Simplified Applications Circuit
Figure 2. Highest Efficiency in Smallest Solution Size
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
OUTPUT CURRENT (A)
Efficiency vs. Output Current
VOUT = 3.3V
VOUT = 1.2V
CONDITIONS
VIN = 5.0V
Actual Solution Size
190mm2


Similar Part No. - NPIZ

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NPI-12 AMPHENOL-NPI-12 Datasheet
70Kb / 4P
Level sensing
NPI-12-101GH AMPHENOL-NPI-12-101GH Datasheet
70Kb / 4P
Level sensing
NPI-15 AMPHENOL-NPI-15 Datasheet
116Kb / 4P
Solid state, high reliability
NPI-15A-1K-A-V AMPHENOL-NPI-15A-1K-A-V Datasheet
120Kb / 4P
Solid state, high reliability
NPI-15A-1K-S-V AMPHENOL-NPI-15A-1K-S-V Datasheet
120Kb / 4P
Solid state, high reliability
More results

Similar Description - NPIZ

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3841WMPBF IRF-IR3841WMPBF Datasheet
757Kb / 34P
HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
IR3841MPBF IRF-IR3841MPBF Datasheet
919Kb / 32P
HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
logo
Enpirion, Inc.
EN5367QI ENPIRION-EN5367QI Datasheet
1Mb / 22P
6A Synchronous Highly Integrated DC-DC PowerSoC
EN63A0QI ENPIRION-EN63A0QI Datasheet
1Mb / 24P
12A Synchronous Highly Integrated DC-DC PowerSoC
EV1380QI ENPIRION-EV1380QI Datasheet
338Kb / 16P
8a synchronous highly integrated dc-dc
logo
Altera Corporation
EN5329QI ALTERA-EN5329QI Datasheet
854Kb / 20P
2A PowerSoC Low Profile Synchronous Buck DC-DC Converter with Integrated Inductor
EN5322QI ALTERA-EN5322QI Datasheet
899Kb / 17P
2A PowerSoC Synchronous Buck DC-DC Converter with Integrated Inductor
EN5367QI ALTERA-EN5367QI Datasheet
1Mb / 23P
6A PowerSoC Highly Integrated Synchronous Buck With Integrated Inductor
EN5396QI ALTERA-EN5396QI Datasheet
1Mb / 19P
9A PowerSoC Synchronous DC-DC Buck Converter with Integrated Inductor
logo
International Rectifier
IR3841WM IRF-IR3841WM_15 Datasheet
776Kb / 34P
HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com