Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8544VTALF Datasheet(PDF) 119 Page - Freescale Semiconductor, Inc

Part # MPC8544VTALF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544VTALF Datasheet(HTML) 119 Page - Freescale Semiconductor, Inc

Back Button MPC8544VTALF Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 120Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 119 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
119
Document Revision History
23 Document Revision History
Table 76 provides a revision history for the MPC8544E hardware specification.
Table 76. MPC8544E Document Revision History
Revision
Date
Substantive Change(s)
3
11/2009
• Update Section 20.3.4, “Temperature Diode,”
• Update Table 61 Package Parameters from 95.5%sn to 96.5%sn
2
01/2009
• Update power number table to include 1067 MHz/533 MHz power numbers.
• Remove Part number tables from Hardware spec. The part numbers are available on Freescale
web site product page.
• Removed I/O power numbers from the Hardware spec. and added the table to bring-up guide
applacation note.
• Update tDDKHMP, tDDKHME in Table 18.
• Updated RX_CLK duty cycle min, and max value to meet the industry standard GMII duty cycle.
• Update paragraph Section 21.3, “Decoupling Recommendations.”
• Update Figure 5 DDR Output Timing Diagram.
•In Table 40, removed note 1 and renumbered remaining note.
• Update Section 22, “Device Nomenclature,” with regards to Commercial Tier.
1
06/2008
Correction in Table 18 DDR SDRAM Output AC Timing Specifications tMCK Max value
Improvement to Section 16, “High-Speed Serial Interfaces (HSSI)
Update Figure 59 Mechanical Dimensions
Correction in Table 48 Local Bus General Timing Parameters—PLL Bypassed
0
04/2008
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com