Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8544VTALF Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # MPC8544VTALF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544VTALF Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button MPC8544VTALF Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
64
Freescale Semiconductor
PCI
Figure 41 provides the AC test load for PCI.
Figure 41. PCI AC Test Load
Figure 42 shows the PCI input AC timing conditions.
Figure 42. PCI Input AC Timing Measurement Conditions
Fall time (20%–80%)
tPCICLK
0.6
2.1
ns
—
Notes:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tPCIVKH symbolizes PCI timing
(PC) with respect to the time the input signals (I) reach the valid state (V) relative to the SYSCLK clock, tSYS, reference (K)
going to the high (H) state or setup time. Also, tPCRHFV symbolizes PCI timing (PC) with respect to the time hard reset (R)
went high (H) relative to the frame signal (F) going to the valid (V) state.
2. See the timing measurement conditions in the
PCI 2.2 Local Bus Specifications.
3. All PCI signals are measured from OVDD/2 of the rising edge of PCI_SYNC_IN to 0.4 × OVDD of the signal in question for
3.3-V PCI signaling levels.
4. For purposes of active/float timing measurements, the Hi-Z or off state is defined to be when the total current delivered
through the component pin is less than or equal to the leakage current specification.
5. Input timings are measured at the pin.
6. The timing parameter tSYS indicates the minimum and maximum CLK cycle times for the various specified frequencies. The
system clock period must be kept within the minimum and maximum defined ranges. For values see Section 19, “Clocking.”
7. The setup and hold time is with respect to the rising edge of HRESET.
8. The timing parameter tPCRHFV is a minimum of 10 clocks rather than the minimum of 5 clocks in the PCI 2.2 Local Bus
Specifications.
9. The reset assertion timing requirement for HRESET is 100
μs.
Table 56. PCI AC Timing Specifications at 66 MHz (continued)
Parameter
Symbol1
Min
Max
Unit
Notes
Output
Z0 = 1 KΩ
OVDD/2
RL = 50 Ω
tPCIVKH
CLK
Input
tPCIXKH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com